Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 91Page - Renesas Technology Corp RZ/N2L Datasheet HTML 92Page - Renesas Technology Corp RZ/N2L Datasheet HTML 93Page - Renesas Technology Corp RZ/N2L Datasheet HTML 94Page - Renesas Technology Corp RZ/N2L Datasheet HTML 95Page - Renesas Technology Corp RZ/N2L Datasheet HTML 96Page - Renesas Technology Corp RZ/N2L Datasheet HTML 97Page - Renesas Technology Corp RZ/N2L Datasheet HTML 98Page - Renesas Technology Corp RZ/N2L Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
Table 2.39
Ethernet interface timing (MAC to MAC connection mode)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
Ethernet
(RGMII)
ETH2_TXCLK, ETH2_RXCLK cycle time
tMRGMIIck
7.2
8.8
ns
Figure 2.84
ETH2_TXCLK, ETH2_RXCLK frequency
Typ. 125 MHz
—
125 − 50 ppm
125 + 50 ppm
MHz
ETH2_TXCLK, ETH2_RXCLK duty cycle
—
45
55
%
ETH2_TXCLK, ETH2_TXD0 to ETH2_TXD3,
ETH2_TXEN (TX_CTL), ETH2_RXCLK,
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV
(RX_CTL) rise/fall time
tMRGMIIr,
tMRGMIIf
—
0.75
ns
ETH2_TXD0 to ETHn_TXD3, ETHn_TXEN
(TX_CTL) output skew
tMRGMIIos
—
0.6
ns
ETH2_TXD0 to ETH2_TXD3, ETH2_TXEN
(TX_CTL) output setup time
tMRGMIIso
1.1
—
ns
ETH2_TXD0 to ETH2_TXD3, ETH2_TXEN
(TX_CTL) output hold time
tMRGMIIho
1.1
—
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV
(RX_CTL) input setup time
tMRGMIIsi
-0.7
—
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV
(RX_CTL) input hold time
tMRGMIIhi
2.9
—
ns
Ethernet
(MII)
ETH2_REFCLK cycle time
tMMIIck
40
—
ns
Figure 2.85
ETH2_REFCLK frequency Typ. 25 MHz
—
25 − 50 ppm
25 + 50 ppm
MHz
ETH2_TXD0 to ETH2_TXD3, ETH2_TXEN,
ETH2_TXER output delay time
tMMIId
11
25
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV,
ETH2_RXER setup time
tMMIIs
10
—
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV,
ETH2_RXER hold time
tMMIIh
0
—
ns
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 95 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com