Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 30Page - Renesas Technology Corp RZ/N2L Datasheet HTML 31Page - Renesas Technology Corp RZ/N2L Datasheet HTML 32Page - Renesas Technology Corp RZ/N2L Datasheet HTML 33Page - Renesas Technology Corp RZ/N2L Datasheet HTML 34Page - Renesas Technology Corp RZ/N2L Datasheet HTML 35Page - Renesas Technology Corp RZ/N2L Datasheet HTML 36Page - Renesas Technology Corp RZ/N2L Datasheet HTML 37Page - Renesas Technology Corp RZ/N2L Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
2.2
Power Supply
Table 2.2
Power supply
Parameter
Symbol
Value
Min.
Typ.
Max.
Unit
Power supply voltages
VCC33
3.135
—
3.465
V
VDD
1.05
1.1
1.15
V
VSS
—
0
—
V
Power supply voltages supporting multi
voltage mode
VCC1833_0,
VCC1833_1,
VCC1833_2,
VCC1833_3,
VCC1833_4
3.3-V mode
3.135
3.3
3.465
V
1.8-V mode (VCC18)
1.70
1.8
1.95
V
Analog power supply voltages
VCC18_PLL0
—
VCC18
—
V
VCC18_PLL1
—
VCC18
—
V
VCC33_USB*1
—
VCC33
—
V
VCC18_USB*2
—
VCC18
—
V
AVCC18_USB*2
—
VCC18
—
V
VCC18_ADC0*2
—
VCC18
—
V
VCC18_ADC1*2
—
VCC18
—
V
AVCC18_TSU*2
—
VCC18
—
V
VREFH0
VSS
—
VCC18_ADC0 V
VREFH1
VSS
—
VCC18_ADC1 V
VSS_USB
—
0
—
V
Note:
The condition of A/D conversion characteristics is VREFHn = VCC18_ADCn (n = 0, 1). And power-up/down sequence should follow
VCC18_ADCn.
Note 1. Connect this USB power supply pin to VCC33 when the USB is not used. Do not leave this pin open.
Note 2. Connect Analog power supply pins to VCC18 when these analog functions are not used. Do not leave these pins open.
2.3
Power On/Off Sequence
Power on/off sequence and timing are shown in the figure and table below.
For power-up, 1.1-V and 1.8-V power (i.e. VDD, VCC18, and AVCC) must be supplied first, then 3.3-V power (i.e.
VCC33) must be supplied. The power-up sequence must be completed within 100 ms. Reset signal (i.e. RES#) must be held
to Low level during the power-up.
For Power-down, 3.3-V power (i.e. VCC33) must go down first and then 1.1-V and 1.8-V power (i.e. VDD, VCC18, and
AVCC). The power-down sequence must be completed within 100 ms.
Rise and fall time of each power supply for the power-up and the power-down must be larger than 10 µs.
Power supply voltages and reset signal must be applied with monotonic increase.
Do not apply a negative voltage to power supply voltages.
Do not apply a voltage to any pins except P07_4 (USB_VBUSIN) until the power supply has powered up.
Stable clock must be supplied to EXTAL/XTAL or EXTCLKIN pin when reset signal (RES#) is driven high.
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 34 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com