Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 10Page - Renesas Technology Corp RZ/N2L Datasheet HTML 11Page - Renesas Technology Corp RZ/N2L Datasheet HTML 12Page - Renesas Technology Corp RZ/N2L Datasheet HTML 13Page - Renesas Technology Corp RZ/N2L Datasheet HTML 14Page - Renesas Technology Corp RZ/N2L Datasheet HTML 15Page - Renesas Technology Corp RZ/N2L Datasheet HTML 16Page - Renesas Technology Corp RZ/N2L Datasheet HTML 17Page - Renesas Technology Corp RZ/N2L Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
1.5
Pin Functions
Table 1.18 lists the pin functions.
Table 1.18
Pin functions (1 of 7)
Classification
Pin name
I/O
Description
Power supply
VDD
Input
Power supply pin. Connect this pin to the system
power supply.
VSS
Input
Ground pin. Connect this pin to the system power
supply (0 V).
VCC1833_0
VCC1833_1
VCC1833_2
VCC1833_3
VCC1833_4
Input
Power supply pin for each I/O domains. (1.8 V or 3.3 V)
This pin is available for BGA package product only.
VCC33
Input
Power supply pin for I/O pins.
VCC18_PLL0, VCC18_PLL1
Input
Power supply pins for the on-chip PLL oscillator
AVCC18_TSU
Input
Power supply pin for the temperature sensor unit
Clock
XTAL
Output
Connected to a crystal resonator. When external clock
signal is used, EXTAL pin should be driven low. XTAL
pin should never be driven or loaded by anything other
than crystal oscillator. The voltage level of EXTAL must
not exceed core VDD (1.16 V).
EXTAL
Input
EXTCLKIN
Input
Inputs the external clock. When a crystal resonator is
connected, it should be driven low.
CKIO
Output
Outputs the external bus clock for external devices.
ETH0_REFCLK
Output
Outputs 25 MHz clock for EtherPHY 0
ETH1_REFCLK
Output
Outputs 25 MHz clock for EtherPHY 1
ETH2_REFCLK
Output
Outputs 25 MHz clock for EtherPHY 2
RMII0_REFCLK
Output
Outputs 50 MHz clock for RMII0
RMII1_REFCLK
Output
Outputs 50 MHz clock for RMII1
RMII2_REFCLK
Output
Outputs 50 MHz clock for RMII2
Operating mode control
MDX
Input
This signal should be driven low.
MD0 to MD2
Input
Input the operating mode select signal. The signal level
on these pins must not be changed during operation
mode transition on release from the reset state.
MDV0 to MDV4
Input
Input the operating voltage select signal. The signal
level on these pins must not be changed during
operation mode transition on release from the reset
state.
MDD
Input
Input the enabling JTAG authentication by hash signal.
The signal level on this pin must not be changed during
operation mode transition on release from the reset
state.
System control
RES#
Input
Inputs the reset signal. This MPU enters the reset state
when this signal goes low.
BSCANP
Input
Inputs the boundary scan enable signal. Boundary
scan is enabled when this pin goes high. When
boundary scan is not used, this pin should be driven
low.
RSTOUT#
Output
Outputs the reset signal externally
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 14 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com