Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 80Page - Renesas Technology Corp RZ/N2L Datasheet HTML 81Page - Renesas Technology Corp RZ/N2L Datasheet HTML 82Page - Renesas Technology Corp RZ/N2L Datasheet HTML 83Page - Renesas Technology Corp RZ/N2L Datasheet HTML 84Page - Renesas Technology Corp RZ/N2L Datasheet HTML 85Page - Renesas Technology Corp RZ/N2L Datasheet HTML 86Page - Renesas Technology Corp RZ/N2L Datasheet HTML 87Page - Renesas Technology Corp RZ/N2L Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 128 page
background image
IIC_SCLn
(n = 0 to 2)
IIC_SDAn
(n = 0 to 2)
tSTOS
Test Conditions
VIH = VCC33 × 0.7,
VIL = VCC33 × 0.3,
VOL = 0.4 V (IOL = 4 mA)
tSP
P*1
Sr*1
S*1
P*1
tSDAS
tSTAS
tSDAH
tSr
tSf
tSCLL
tSCL
tSCLH
tSTAH
tBUF
Note 1. S, P, and Sr indicate the following conditions.
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.63
IIC bus interface input/output timing
2.5.5.10
CANFD Timing
Table 2.34
CANFD timing
Parameter
Symbol
CAN
CANFD
Unit
Reference
figure
Min.
Max.
Min.
Max.
CANFD
Internal delay time
tnode
—
100
—
50
ns
Figure 2.64
Transmission rate
—
—
1
—
8
Mbps
Note:
Internal delay time (tnode) = Internal transmission delay time (toutput) + Internal reception delay time (tinput)
CAN controller
Internal transmission
delay time
(toutput)
Internal reception
delay time
(tinput)
CANTX1, CANTX0 pins
CANRX1, CANRX0 pins
Figure 2.64
CAN interface condition
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 84 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com