Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 3 Page - Renesas Technology Corp

  RZ/N2L Datasheet HTML 1Page - Renesas Technology Corp RZ/N2L Datasheet HTML 2Page - Renesas Technology Corp RZ/N2L Datasheet HTML 3Page - Renesas Technology Corp RZ/N2L Datasheet HTML 4Page - Renesas Technology Corp RZ/N2L Datasheet HTML 5Page - Renesas Technology Corp RZ/N2L Datasheet HTML 6Page - Renesas Technology Corp RZ/N2L Datasheet HTML 7Page - Renesas Technology Corp RZ/N2L Datasheet HTML 8Page - Renesas Technology Corp RZ/N2L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
Table 1.3
System (2 of 2)
Feature
Functional description
Clock generation circuit
● The input clock can be selected from an external clock or external resonator.
● Detection of input clock oscillation stopping
● The following clocks are generated:
– CPU0 clock: System clock ×1 or ×2
– System clock: 150 or 200 MHz
– High-speed peripheral module clock: 150 or 200 MHz
– Middle-speed peripheral module clock: 75 or 100 MHz
– Low-speed peripheral module clock: 37.5 or 50 MHz
– ADC clock in the 12-bit A/D converter: 25 or 18.75 MHz
– External bus clock: 100 MHz (max.)
– Low-speed on-chip oscillator: 240 kHz (fixed)
Reset
RES# pin reset, software reset, error reset, CPU0 software reset
Low-power consumption function
● Standby mode (Cortex-R52)
● Module stop function
Interrupt controller (ICU)
● Peripheral function interrupts: 423 sources
● External interrupts: 16 sources (IRQ0 to IRQ15 pins)
● Software interrupts: 8 sources
● Non-maskable interrupts: 1 sources
● 32 levels specifiable for the order of priority
Bus state controller (BSC)
● The external address space is divided into four areas (CS0, CS2, CS3, and CS5) for
management.
● The following features are configurable for each area independently:
Bus size (8 or 16 bits): Available sizes depend on the area. Number of access wait
cycles (different wait cycles can be specified for read and write access cycles in some
areas). Idle wait cycle insertion (between same area access cycles or different area access
cycles). Specifying the memory to be connected to each area enables direct connection
to SRAM, SRAM with byte selection, SDRAM, and burst ROM (clocked synchronous or
asynchronous). The address/data multiplexed I/O (MPX) interface is also available.
● Outputs a chip select signal (CS0# to CS5#) according to the target area (CS assert or
negate timing can be selected by software).
● Connectable memory type for each area
CS0: SRAM, burst ROM
CS2: SRAM
CS2 + CS3: SRAM, SDRAM (CS2 only for SDRAM is not supported)
CS3: SRAM, SDRAM
CS5: SRAM, MPX-IO
● SDRAM refresh
Auto refresh or self-refresh mode selectable
● SDRAM burst access
Table 1.4
Direct memory access
Feature
Functional description
Direct memory access controller
(DMAC)
● 2 units (8 channels each unit)
● Transfer modes: Single transfer mode and block transfer mode
● Transfer size
- Unit 0: 1/2/4/8/16/32/64 bytes
- Unit 1: 1/2/4/8/16/32 bytes
● Activation sources: Software trigger, external DMA requests (DREQ), external interrupts,
and interrupt requests from peripheral functions
Table 1.5
I/O Ports
Feature
Functional description
General-purpose I/O ports
● 225-pin FBGA
– I/O pins: 134
– Input pins: 1
– Pull-up/pull-down resistors: 135
● 121-pin FBGA
– I/O pins: 71
– Input pins: 0
– Pull-up/pull-down resistors: 71
● The locations of input/output functions are selectable from among multiple pins.
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 3 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com