Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 75Page - Renesas Technology Corp RZ/N2L Datasheet HTML 76Page - Renesas Technology Corp RZ/N2L Datasheet HTML 77Page - Renesas Technology Corp RZ/N2L Datasheet HTML 78Page - Renesas Technology Corp RZ/N2L Datasheet HTML 79Page - Renesas Technology Corp RZ/N2L Datasheet HTML 80Page - Renesas Technology Corp RZ/N2L Datasheet HTML 81Page - Renesas Technology Corp RZ/N2L Datasheet HTML 82Page - Renesas Technology Corp RZ/N2L Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
Table 2.32
SCI timing (2 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference figure
SCI
(Clock sync,
Simple SPI)
SCK output clock cycle (master)
tSPcyc
2
65536
tPSCIcyc
Figure 2.57 to
Figure 2.62
SCK input clock cycle (slave)
2
65536
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
tSPCKR,
tSPCKF
—
3
ns
Data input setup
time
Internal clock
tSU
7
—
ns
External clock
3
—
Data input hold
time
Internal clock
tH
3
—
ns
External clock
3
—
Data output delay
time
Internal clock
tOD
—
3
ns
External clock
—
12
Data output hold
time
Internal clock
tOH
-3
—
ns
External clock
0
—
Data rise/fall time
tDR, tDF
—
3
ns
Slave access time Internal clock
tSA
—
3 × tPSCIcyc + 12
ns
External clock
—
3 × tPSCIcyc + 12
Slave output
release time
Internal clock
tREL
—
3 × tPSCIcyc + 12
ns
External clock
—
3 × tPSCIcyc + 12
SCI
(Simple SPI)
SS input setup time
tLEAD
1
—
tSPcyc
SS input hold time
tLAG
1
—
tSPcyc
SS input rise/fall time
tSSR, tSSF
—
3
ns
Note:
tPSCIcyc: PCLKSCIn cycle
Note 1. NFcyc = 4n × 2m-1 × tPSCIcyc
n: CCR2.CKS[1:0] (n = 0, 1, 2, 3)
m: CCR1.NFCS[2:0] (m = 1, 2, 3, 4)
SCKn
(n = 0 to 5)
tScyc
tSCKW
tSCKf
tSCKr
Figure 2.55
SCK clock input/output timing
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 79 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com