Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 4 Page - Renesas Technology Corp

  RZ/N2L Datasheet HTML 1Page - Renesas Technology Corp RZ/N2L Datasheet HTML 2Page - Renesas Technology Corp RZ/N2L Datasheet HTML 3Page - Renesas Technology Corp RZ/N2L Datasheet HTML 4Page - Renesas Technology Corp RZ/N2L Datasheet HTML 5Page - Renesas Technology Corp RZ/N2L Datasheet HTML 6Page - Renesas Technology Corp RZ/N2L Datasheet HTML 7Page - Renesas Technology Corp RZ/N2L Datasheet HTML 8Page - Renesas Technology Corp RZ/N2L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
Table 1.6
Event link
Feature
Functional description
Event link controller (ELC)
● Up to 217 event signals can be interlinked with the operation of modules.
● In particular, the operation of timer modules can be started by input event signals.
● Event-linked operation of signals of ports 16 and port 18 is to be possible.
Table 1.7
Timers (1 of 2)
Feature
Functional description
Multi-function timer pulse unit 3 (MTU3)
● 9 channels (16 bits × 8 channels, 32 bits × 1 channel)
● Maximum of 28 pulse-input/output and 3 pulse-input possible
● Select from among 10, 11, 12, or 14 counter-input clock signals for each channel (with
maximum operating frequency of 200 MHz)
● Input capture function
● 39 output compare/input capture registers
● Counter clear operation (synchronous clearing by compare match/input capture)
● Simultaneous writing to multiple timer counters (TCNT)
● Simultaneous register input/output by synchronous counter operation
● Buffered operation
● Support for cascade-connected operation
● Automatic transfer of register data
● Pulse output mode
Toggle/PWM/complementary PWM/reset-synchronized PWM
● Complementary PWM output mode
- Outputs non-overlapping waveforms for controlling 3-phase inverters
- Automatic specification of dead times
- PWM duty cycle: Selectable as any value from 0% to 100%
- Delay can be applied to requests for A/D conversion.
- Non-generation of interrupt requests at peak or trough values of counters can be selected.
- Double buffer configuration
● Reset synchronous PWM mode
Six phases of positive and negative PWM waveforms can be output with desired duty
cycles.
● Phase-counting mode: 16-bit mode (channels 1 and 2), 32-bit mode (channels 1 and 2 in
cascade connection)
● Counter functionality for dead-time compensation
● Generation of triggers for A/D converter conversion
● A/D converter start triggers can be skipped
● Digital noise filter function for signals on the input capture and external counter clock pins
● Event linking by the ELC
General PWM timer (GPT)
● 32 bits × 18 channels
● Counting up or down (saw-wave), counting up and down (triangle-wave) selectable for all
channels
● Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 200 MHz)
● 2 input/output pins per channel
● 2 output compare/input capture registers per channel
● For the 2 output compare/input capture registers of each channel, 4 registers are provided
as buffer registers and are capable of operating as comparison registers when buffering is
not in use.
● In output compare operation, buffer switching can be at peaks or troughs, enabling the
generation of laterally asymmetrically PWM waveforms.
● Registers for setting up frame intervals on each channel (with capability for generating
interrupts on overflow or underflow)
● Synchronizable operation of the several counters
● Modes of synchronized operation (synchronized, or displaced by desired times for phase
shifting)
● Generation of dead times in PWM operation
● Through combination of 3 counters, generation of automatic 3-phase PWM waveforms
incorporating dead times
● Starting, clearing, stopping, switching, up/down counters, and input capture in response to
external or internal triggers
● Starting, clearing, stopping, switching, up/down counters, and input capture in response to
input level comparison
● Internal trigger sources: software and compare-match
● Generation of triggers for A/D converter conversion
● Digital noise filter function for signals on the input capture and external trigger pins
● Event linking by the ELC
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 4 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com