Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 16Page - Renesas Technology Corp RZ/N2L Datasheet HTML 17Page - Renesas Technology Corp RZ/N2L Datasheet HTML 18Page - Renesas Technology Corp RZ/N2L Datasheet HTML 19Page - Renesas Technology Corp RZ/N2L Datasheet HTML 20Page - Renesas Technology Corp RZ/N2L Datasheet HTML 21Page - Renesas Technology Corp RZ/N2L Datasheet HTML 22Page - Renesas Technology Corp RZ/N2L Datasheet HTML 23Page - Renesas Technology Corp RZ/N2L Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
Table 1.18
Pin functions (7 of 7)
Classification
Pin name
I/O
Description
Parallel host interface
(PHOSTIF)
HCKIO
Input
Bus clock input pin
HA0 to HA20
Input
Address input pins
HD0 to HD15
I/O
Data I/O pins
HCS0#
Input
Chip select input pin supporting burst transfer
HCS1#
Input
Chip select input pin supporting BSC ADMUX mode
HRD#
Input
Strobe input pin indicating a read access
HWAIT#
Output
Output pin indicating that the bus cycle is in wait state
HWRSTB#
Input
Strobe input pin indicating a write access
HWR0#
Input
Write strobe/byte enable input pin to HD7 to HD0
HWR1#
Input
Write strobe/byte enable input pin to HD15 to HD8
HERROUT#
Output
Outputs the bus access error interrupt signal
HBS#
Input
Bus cycle input pin
Mailbox and Semaphore
(MBXSEM)
MBX_HINT#
Output
Mailbox (Cortex-R52 to Host CPU) interrupt output pin
Analog power supply
VCC18_ADC0, VCC18_ADC1
Input
Analog power supply input pin for the 12-bit A/D
converter. Connect this pin to the 1.8 V power supply if
the 12-bit A/D converter is not to be used.
VREFH0, VREFH1
Input
Reference voltage input pin for the 12-bit A/D
converter. Connect this pin to the 1.8 V power supply if
the 12-bit A/D converter is not to be used.
I/O ports
P00_0 to P24_2
I/O
General-purpose input/output pins
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 20 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com