Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 37Page - Renesas Technology Corp RZ/N2L Datasheet HTML 38Page - Renesas Technology Corp RZ/N2L Datasheet HTML 39Page - Renesas Technology Corp RZ/N2L Datasheet HTML 40Page - Renesas Technology Corp RZ/N2L Datasheet HTML 41Page - Renesas Technology Corp RZ/N2L Datasheet HTML 42Page - Renesas Technology Corp RZ/N2L Datasheet HTML 43Page - Renesas Technology Corp RZ/N2L Datasheet HTML 44Page - Renesas Technology Corp RZ/N2L Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
CKIO pin output
tCKcyc
1/2 VCC33
tCKH
tCKL
tCKf
tCKr
VOH33
VOH33
VOL33
1/2 VCC33
VOL33
VOH33
Figure 2.2
CKIO pin output timing
2.5.1.2
Ethernet PHY Reference Clock Output Timing
Conditions:
C = 30 pF (ETHn_REFCLK)
C = 20 pF (RMIIn_REFCLK)
Table 2.16
Ethernet PHY reference clock output timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
ETHn_REFCLK cycle time
tCK
—
40
—
—
ns
ETHn_REFCLK frequency
—
—
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
ETHn_REFCLK duty
—
—
45
—
55
%
ETHn_REFCLK rising/falling time
tCKr / tCKf
—
0.5
—
4.0
ns
RMIIn_REFCLK cycle time
tCK
—
20
—
—
ns
RMIIn_REFCLK frequency
—
—
50.00 ± 50 ppm
MHz
RMIIn_REFCLK duty
—
—
45
—
55
%
RMIIn_REFCLK rising/falling time
tCKr / tCKf
—
0.5
—
3.5
ns
ETHn_REFCLK
RMIIn_REFCLK
output
tCK
1/2 VCC1833_n
tCKf
tCKr
VOH
VOL
1/2 VCC1833_n
VOL
VOH
Figure 2.3
Ethernet PHY reference clock output timing
2.5.1.3
EXTCLKIN External Clock Input
Table 2.17
EXTCLKIN clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
EXTCLKIN external clock frequency
fEXTCLKIN
—
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
EXTCLKIN duty
rEXTCLKIN
—
±5%
—
EXTCLKIN rising time
trEXTCLKIN
—
0
—
5
ns
EXTCLKIN falling time
tfEXTCLKIN
—
0
—
5
ns
Note:
When using crystal resonator (i.e. EXTAL/XTAL clock is used), EXTCLKIN should be driven low.
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 41 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com