Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 71Page - Renesas Technology Corp RZ/N2L Datasheet HTML 72Page - Renesas Technology Corp RZ/N2L Datasheet HTML 73Page - Renesas Technology Corp RZ/N2L Datasheet HTML 74Page - Renesas Technology Corp RZ/N2L Datasheet HTML 75Page - Renesas Technology Corp RZ/N2L Datasheet HTML 76Page - Renesas Technology Corp RZ/N2L Datasheet HTML 77Page - Renesas Technology Corp RZ/N2L Datasheet HTML 78Page - Renesas Technology Corp RZ/N2L Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
Corresponding bit in
the SPOER register
MTU PWM output pins
Outputs disabled
tPOEDS
Figure 2.45
Output disable time for POE in response to the register setting
MTU PWM output pins
Oscillation stop detection
signal (internal signal)
Main clock
Outputs disabled
tPOEDOS
Figure 2.46
Output disable time for POE in response to the oscillation stop detection
2.5.5.5
GPT Timing
Table 2.29
GPT timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
GPT
Input capture input
pulse width
Single-edge setting
tGTICW
2.5
—
tPHcyc
Figure 2.47
Both-edge setting
3.5
—
External trigger
input pulse width
Single-edge setting
tGTEW
2.5
—
tPHcyc
Figure 2.48
Both-edge setting
3.5
—
Note 1. tPHcyc: PCLKH cycle (LLPP channels), PCLKM cycle (Other channels)
PCLKH, PCLKM
tGTICW
Input capture input
Figure 2.47
GPT input capture input timing
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 75 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com