Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 96Page - Renesas Technology Corp RZ/N2L Datasheet HTML 97Page - Renesas Technology Corp RZ/N2L Datasheet HTML 98Page - Renesas Technology Corp RZ/N2L Datasheet HTML 99Page - Renesas Technology Corp RZ/N2L Datasheet HTML 100Page - Renesas Technology Corp RZ/N2L Datasheet HTML 101Page - Renesas Technology Corp RZ/N2L Datasheet HTML 102Page - Renesas Technology Corp RZ/N2L Datasheet HTML 103Page - Renesas Technology Corp RZ/N2L Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
HSPI_CK
input
tSHck
tCH
tCL
tCFT
30%
70%
tCRT
70%
30%
Figure 2.87
SHOSTIF clock timing
HSPI_CS#
input
SCPOL = 1
HSPI_CK
input
MSB IN
HSPI_IO[n:0]
I/O
SCPOL = 0
tCSS
DATA
LSB IN
tSU
tHD
MSB OUT
tV
tHO
DATA
LSB OUT
tDIS
tCSH
tCS
Input phase
Output phase
Standard SPI mode: n = 0 for input and n = 1 for output
Dual SPI mode: n = 1
Quad SPI mode: n = 3
Octal SPI mode: n = 7
Figure 2.88
SHOSTIF timing (SCPH = 0)
MSB IN
tCSS
DATA
LSB IN
tSU
tHD
MSB OUT
tV
tHO
DATA
LSB OUT
tDIS
tCSH
tCS
HSPI_CS#
input
SCPOL = 1
HSPI_CK
input
HSPI_IO[n:0]
I/O
SCPOL = 0
Standard SPI mode: n = 0 for input and n = 1 for output
Dual SPI mode: n = 1
Quad SPI mode: n = 3
Octal SPI mode: n = 7
Input phase
Output phase
Figure 2.89
SHOSTIF timing (SCPH = 1)
2.5.5.17
PHOSTIF Timing
Conditions:
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 100 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com