Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 97Page - Renesas Technology Corp RZ/N2L Datasheet HTML 98Page - Renesas Technology Corp RZ/N2L Datasheet HTML 99Page - Renesas Technology Corp RZ/N2L Datasheet HTML 100Page - Renesas Technology Corp RZ/N2L Datasheet HTML 101Page - Renesas Technology Corp RZ/N2L Datasheet HTML 102Page - Renesas Technology Corp RZ/N2L Datasheet HTML 103Page - Renesas Technology Corp RZ/N2L Datasheet HTML 104Page - Renesas Technology Corp RZ/N2L Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
(1) Synchronous SRAM Interface Mode
Table 2.42
PHOSTIF timing (Synchronous SRAM interface mode)
No. Parameter
Symbol
Min.
Max.
Unit
Reference
figure
1
HCKIO input cycle
tHCKIO
20.0
―
ns
Figure 2.90 to
Figure 2.94
2
HCKIO High-level width
tHBHIGH
0.5 × tHCKIO - 2.1
0.5 × tHCKIO + 2.1
ns
3
HCKIO Low-level width
tHBLOW
0.5 × tHCKIO - 2.1
0.5 × tHCKIO + 2.1
ns
4
Address and HCS0#/HCS1# input setup
time (to HCKIO ↑)
tSKHA
4.0
―
ns
5
Address and HCS0#/HCS1# input hold
time (to HCKIO ↑)
tHKHA
1.0
―
ns
6
HWR0#/HWR1# input setup time (to
HCKIO ↑)
tSKHWR
4.0
―
ns
7
HWR0#/HWR1# input hold time (to HCKIO
↑)
tHKHWR
1.0
―
ns
8
HWRSTB# input setup time (to HCKIO ↑)
tSKHWRSTB
4.0
―
ns
9
HWRSTB# input hold time (to HCKIO ↑)
tHKHWRSTB
1.0
―
ns
10
HRD# input setup time (to HCKIO ↑)
tSKHRD
4.0
―
ns
11
HRD# input hold time (to HCKIO ↑)
tHKHRD
1.0
―
ns
12
Data input setup time (to HCKIO ↑)
tSKIHD
4.0
―
ns
13
Data input hold time (to HCKIO ↑)
tHKIHD
1.0
―
ns
14
Data and HWAIT# output delay time (to
HRD# ↓)
tDKHDHR
1.0
―
ns
15
Data and HWAIT# output hold time (to
HRD# ↑)
tHKOHD
―
11.0
ns
16
Data and HWAIT# output delay time (to
HCS0#/HCS1# ↓)
tDKHD
1.0
―
ns
17
Data and HWAIT# output hold time (to
HCS0#/HCS1# ↑)
tHKWTCS
―
11.0
ns
18
HWAIT# output delay time (to HWRSTB#,
HWR0#/HWR1# ↓)
tDKHWT
1.0
―
ns
19
HWAIT# output hold time (to HWRSTB#,
HWR0#/HWR1# ↑)
tHKWTWR
―
11.0
ns
20
HWAIT# output delay time (to HCKIO ↑)
tDKHWTV
2.0
11.0
ns
21
Data output delay time (to HCKIO ↑)
tDKHDV
2.0
11.0
ns
22
Data and HWAIT# valid data output hold
time (to HRD# ↑)
tHKHWTHR
1.0
―
ns
23
HWR0#/HWR1#, HWRSTB# recovery time
(High-level width)
tWHWR
40.0
―
ns
24
HRD# recovery time (High-level width)
tWHRD
40.0
―
ns
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 101 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com