Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 103Page - Renesas Technology Corp RZ/N2L Datasheet HTML 104Page - Renesas Technology Corp RZ/N2L Datasheet HTML 105Page - Renesas Technology Corp RZ/N2L Datasheet HTML 106Page - Renesas Technology Corp RZ/N2L Datasheet HTML 107Page - Renesas Technology Corp RZ/N2L Datasheet HTML 108Page - Renesas Technology Corp RZ/N2L Datasheet HTML 109Page - Renesas Technology Corp RZ/N2L Datasheet HTML 110Page - Renesas Technology Corp RZ/N2L Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 128 page
background image
(2) Asynchronous SRAM Interface Mode
Table 2.43
PHOSTIF timing (Asynchronous SRAM interface mode)
No.
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
1
Address, HCS0#/HCS1# input setup time (to HWRSTB#, HWR0#/
HWR1# ↓)
tADDWRS
0
―
ns
Figure 2.95 to
Figure 2.98
2
HWR0#/HWR1# and HWRSTB# recovery time (High-level width)
tWRW
20.0
―
ns
3
Data input setup time (to HWRSTB#, HWR0#/HWR1# ↓)
tWRS
0
―
ns
4
Data input hold time (to HWRSTB#, HWR0#/HWR1# ↑)
tWRH
0
―
ns
5
HWAIT# output delay time (to HCS0#/HCS1# ↓)
tCLZ
1.0
―
ns
6
HWAIT# output delay time (to HWRSTB#, HWR0#/HWR1# ↓)
tWAITD
1.0
―
ns
7
HWAIT# valid data output delay time (for HWRSTB#, HWR0#/HWR1#
↓)
tWRWAITF
―
39.2
ns
8
HWAIT# valid data output hold time (for HWRSTB#, HWR0#/HWR1# ↑) tWAITVH
0
―
ns
9
HWAIT# output hold time (to HWR0#/HWR1#, HWRSTB# ↑)
tWAITH
―
11.0
ns
10
HWAIT# output hold time (to HCS0#/HCS1# ↑)
tCHZ
―
11.0
ns
11
Address and HCS0#/HCS1# input setup time (to HRD# ↓)
tADDRDS
0
―
ns
12
Address input hold time in page access (to HRD# ↑)
tADDRDH
0
―
ns
13
HRD# recovery time (High-level width)
tRDW
20.0
―
ns
14
Data and HWAIT# output delay time (to HRD# ↓)
tRDLZ
1.0
―
ns
15
HWAIT# valid data output delay time (to HRD# ↓)
tRDWAITF
―
39.2
ns
16
Data fixing time (to HWAIT# ↑)
tWAITR
0
―
ns
17
Data and HWAIT# valid data output hold time (to HRD# ↑)
tDATAOH
1.0
―
ns
18
Data and HWAIT# output hold time (to HRD# ↑)
tRDHZ
―
11.0
ns
19
Data and HWAIT# output delay time in on-page access (to addresses)
tPAGEOND
18.0
29.2
ns
20
Data and HWAIT# output delay time in off-page access (to addresses)
(when not crossing a 16-byte boundary)
tPAGEOFD
18.0
29.2
ns
20
Data and HWAIT# output delay time in off-page access (to addresses)
(when crossing a 16-byte boundary)
tPAGEOFD
18.0
29.2
ns
21
HWAIT# valid data output delay time (to HCS0#/HCS1# ↓)
tWAITVD
―
39.2
ns
22
Data fixing time (to addresses)
tADDFIX
18.0
―
ns
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 107 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com