Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8342ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 4 of 25
AC PERFORMANCE
VS = 5 V, TA = 25°C, LO power = 0 dBm, ZO = 50 Ω, RBIAS = 1.82 kΩ, RF termination 100 Ω, IF load = 100 Ω differential, unless otherwise
noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF Frequency Range1
3.8
GHz
LO Frequency Range1
4.1
GHz
IF Frequency Range1, 2
2.4
GHz
Conversion Gain
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
3.2
dB
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
3.7
dB
Single Sideband (SSB) Noise Figure
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
12.5
dB
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
12.2
dB
Input Third-Order Intercept (IP3)
fRF1 = 460 MHz, fRF2 = 461 MHz, fLO = 550 MHz, fIF1 = 90 MHz, fIF2 = 89 MHz,
each RF tone −10 dBm
22.2
dBm
fRF1 = 238 MHz, fRF2 = 239 MHz, fLO = 286 MHz, fIF1 = 48 MHz, fIF2 = 47 MHz,
each RF tone −10 dBm
22.7
dBm
Input Second-Order Intercept (IP2)
fRF1 = 460 MHz, fRF2 = 410 MHz, fLO = 550 MHz, fIF1 = 90 MHz, fIF2 = 140 MHz
50
dBm
fRF1 = 238 MHz, fRF2 = 188 MHz, fLO = 286 MHz, fIF1 = 48 MHz,fIF2 = 98 MHz
44
dBm
Input 1 dB Compression Point
(P1dB)
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
8.5
dBm
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
8.3
dBm
LO to IF Output Leakage
LO power = 0 dBm, fLO = 286 MHz
−27
dBc
LO to RF Input Leakage
LO power = 0 dBm, fLO = 286 MHz
−55
dBc
2× LO to IF Output Leakage
LO power = 0 dBm, fRF = 238 MHz, fLO = 286 MHz, IF terminated into
100 Ω and measured with a differential probe
−47
dBm
RF to IF Output Leakage
RF power = −10 dBm, fRF = 238 MHz, fLO = 286 MHz
−32
dBc
IF/2 Spurious
RF power = −10 dBm, fRF = 238 MHz, fLO = 286 MHz
−62
dBc
1
See the High Frequency Applications section for details.
2
See the Low Frequency Applications section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com