Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 20 of 25
The available frequency range of the AD8342 is extremely
broad. With adequate care, any of the mixer ports can be
optimized for extremely low frequencies, or up to several GHz.
The standard evaluation board is populated for broadband
performance from a few MHz to ~1 GHz. The input match of
the RF port degrades at higher frequencies when using the
standard eval board. The broadband frequency range can be
extended by minimizing parasitics between the input
terminating resistor, R5, and the input pins.
8
7
6
13
15
16
COMM
IFOP
IFOM
5
COMM
14
2
1
3
4
COMM
RFCM
RFIN
VPMX
VPDC
PWDN
EXRB
COMM
11
12
10
9
VPLO
LOCM
LOIN
COMM
AD8342
VPOS
1000pF
1000pF
0.1µF
VPOS
1nF
1nF
LO IN
1.82kΩ
100pF
RF IN
1nF
100Ω
VPOS
1000pF
0.1µF
1nF
0.1µF
100pF
IF OUT
(190MHz)
TC2-1T
0.1µF
NOTES
1. INPUT TERMINATION PLACED AS CLOSE AS POSSIBLE TO RFIN AND RFCM INPUTS.
Figure 53. Modified Evaluation Board Schematic for Broadband
Downconversion Performance up to 3 GHz
The measurements in Figure 54 were made using the modified
evaluation board as configured in Figure 53.
30
0
500
3000
RF FREQUENCY (MHz)
25
20
15
10
5
1000
1500
2000
2500
NF
GAIN
OIP3
IP1dB
Figure 54. Input OIP3, Input P1dB, Gain, and NF vs. RF Frequency for a
190 MHz IF Using a Low-Side LO
The broadband frequency capabilities of the AD8342 makes it
an attractive solution for a variety of applications, including
cellular, CATV, point-to-point radio links, and test equipment.
As an example, the circuit depicted in Figure 53 can easily be
applied as a feedback mixer in a predistortion receiver design.
The performance depicted in Figure 55 was measured using a
160 MHz IF. Here, four W-CDMA carriers with high PAR are
downconverted for IF sampling so that transmit path
nonlinearities can be measured and minimized using digital
predistortion techniques.
–30
CENTER 160MHz
SPAN 40.6MHz
–50
–40
–70
–60
–90
–80
–110
–100
–120
4.06MHz
POS –22.564dBm
REF –22.6dBm
ATT 5dB
RBW 30kHz
VBW 300kHz
SWT 4s
STANDARD: W-CDMA 3GPP FWD
Tx CHANNELS
CH1 (REF) –20.65dBm
CH2
–20.29dBm
CH3
–20.25dBm
CH4
–20.29dBm
TOTAL
–14.35dBm
ADJACENT CHANNE L
LOWER
–61.36dB
UPPER
–60.84dB
ALTERNATE CHANNEL
LOWER
–61.94dB
UPPER
–61.72dB
Figure 55. ACPR Performance for Multiple W-CDMA Carriers Being
Downconverted from 2140 MHz to 160 MHz for Distortion Analysis
APPLICATIONS ABOVE 3 GHZ
Operation of the AD8342 mixer can be extended above 3 GHz;
however, bandwidth is limited due to on-chip parasitics. By
eliminating all unnecessary parasitics in the LO path, the LO
input voltage standing wave ratio (VSWR) can be kept low up to
4 GHz. Figure 56 shows the circuit configuration for the RF input
frequency of 3.5 GHz to 3.8 GHz. A 22 Ω resistor is added
between the RFCM pin and the 1 nF capacitor to ground, and a
1 pF capacitor is also added to provide the tuning for the desired
frequency range. The resulting RF and LO input return losses
are shown in Figure 57. Using a fixed LO frequency of 3.4 GHz,
the conversion gain response for the RF input frequency range
from 3.5 GHz to 3.8 GHz is shown in Figure 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com