Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 18 of 25
COMM 8
IFOP 7
IFOM 6
COMM 5
AD8342
ZL = 100Ω
IF OUT
ZO = 50Ω
+VS
2:1
Figure 47. Biasing the IF Port Open-Collector Outputs
Using a Center-Tapped Impedance Transformer
COMM 8
IFOP 7
IFOM 6
COMM 5
AD8342
RFC
+VS
RFC
ZL = 100Ω
IF OUT+
IF OUT–
+VS
ZL
IMPEDANCE
TRANSFORMING
NETWORK
Figure 48. Biasing the IF Port Open-Collector Outputs
Using Pull-Up Choke Inductors
The AD8342 is optimized for driving a 100 Ω load. Although
the device is capable of driving a wide variety of loads, to
maintain optimum distortion and noise performance, it is
advised that the presented load at the IF outputs is close to
100 Ω. The linear differential voltage conversion gain of the
mixer can be modeled as
AV = Gm × RLOAD
where:
e
m
m
m
R
g
g
G
1
1
RLOAD is the single-ended load impedance.
gm is the transistor transconductance and is equal to 1810/RBIAS.
Re = 15 Ω.
The external RBIAS resistor controls the power dissipation and
dynamic range of the AD8342. Because the AD8342 has internal
resistive degeneration, the conversion gain is primarily determined
by the load impedance and the on-chip degeneration resistors.
Figure 49 shows how gain varies with IF load. The external RBIAS
resistor has only a small effect. The most direct way to affect
conversion gain is by varying the load impedance. Small loads
result in lower gains while larger loads increase the conversion
gain. If the IF load impedance is too large, it causes a decrease
in linearity (P1dB, IP3). To maintain positive conversion gain
and preserve SFDR performance, the differential load presented
at the IF port must remain in the range of about 100 Ω to 250 Ω.
30
0
10
1000
IF LOAD (Ω)
100
25
20
15
10
5
MEASURED
MODELED
Figure 49. Voltage Conversion Gain vs. IF Loading
LO CONSIDERATIONS
The LOIN port provides a 50 Ω load impedance with common-
mode decoupling on LOCM. Again, common-grade ceramic
capacitors provide sufficient signal coupling and bypassing of
the LO interface.
The LO signal must have adequate phase noise characteristics
and low second harmonic content to prevent degradation of the
noise figure performance of the AD8342. An LO plagued with
poor phase noise can result in reciprocal mixing, a mechanism
that causes spectral spreading of the downconverted signal,
limiting the sensitivity of the mixer at frequencies adjacent to
any large input signals. The internal LO buffer provides enough
gain to hard-limit the input LO and provide fast switching of
the mixer core. Odd harmonic content present on the LO drive
signal does not impact mixer performance; however, even-order
harmonics cause the mixer core to commutate in an unbalanced
manner, potentially degrading noise performance. Simple lumped
element low-pass filtering can be applied to help reject the harmon-
ic content of a given local oscillator, as shown in Figure 50. The
filter depicted is a common 3-pole Chebyshev, designed to
maintain a 1-to-1 source-to-load impedance ratio with no more
than 0.5 dB of ripple in the pass band. Other filter structures
can be effective as long as the second harmonic of the LO is
filtered to negligible levels, for example, ~30 dB below the
fundamental.
AD8342
LOIN
3
COMM
4
LOCM
2
RL
FOR RS = RL
fC - FILTER CUTOFF FREQUENCY
RS
C1
C3
LO
SOURCE
L2
C1 =
1.864
2π
fcRL
C3 =
1.834
2π
fcRL
L2 =
1.28RL
2π
fc
Figure 50. Using a Low-Pass Filter to Reduce LO Second Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com