Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 9 of 25
13
3
50
550
RF FREQUENCY (MHz)
12
11
10
9
8
7
6
5
4
100
150
200
250
300
350
400
450
500
10MHz
140MHz
48MHz
90MHz
Figure 15. Input P1dB vs. RF Frequency
10.0
5.0
–15
5
LO LEVEL (dBm)
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
–13
–11
–9
–7
–5
–3
–1
1
3
IF = 10MHz
IF = 48MHz
IF = 90MHz
IF = 140MHz
Figure 16. Input P1dB vs. LO Level, fRF = 238 MHz
10
0
TEMPERATURE (°C)
9
8
7
6
5
4
3
2
1
–20
0
20
40
60
80
–40
Figure 17. Input P1dB vs. Temperature, fRF = 238 MHz, fLO = 286 MHz
10
0
10
IF FREQUENCY (MHz)
9
8
7
6
5
4
3
2
1
50
100
150
200
250
300
350
RF = 460MHz
RF = 238MHz
Figure 18. Input P1dB vs. IF Frequency
10
0
9
8
7
6
5
4
3
2
1
VPOS (V)
4.75
5.25
4.85
4.95
5.05
5.15
Figure 19. Input P1dB vs. VPOS, fRF = 238 MHz,
fLO = 286 MHz
28
0
8.00
IP1dB (238MHz)
8.60
26
24
22
20
18
16
14
12
10
8
6
4
2
8.05 8.10 8.15 8.20 8.25 8.30 8.35 8.40 8.45 8.50 8.55
NORMAL MEAN = 8.3
STD. DEV. = 0.07
Figure 20. Input IP3 Distribution, fRF = 238 MHz, fLO = 286 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com