Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 19 of 25
HIGH FREQUENCY APPLICATIONS
The AD8342 is a broadband mixer capable of both up and
down conversion. Unlike other mixers that rely on on-chip
reactive circuitry to optimize performance over a specific band,
the AD8342 is a versatile general-purpose device that can be
used from arbitrarily low frequencies to several GHz. In general,
the following considerations help ensure optimum performance:
•
Minimize the ac loading impedance of IF port bias network.
•
Maximize the power transfer to the desired ac load.
•
For the maximum conversion gain and the lowest noise
performance, reactively match the input as described in the
IF Port section.
•
For the maximum input compression point and input
intercept points, resistively terminate the input as described
in the IF Port section.
As an example, Figure 51 shows the AD8342 as an up-
converting mixer for a W-CDMA single-carrier transmitter
design. For this application, it was desirable to achieve −65 dBc
adjacent channel power ratio (ACPR) at a −13 dBm output
power level. The ACPR is a measure of both distortion and
noise carried into an adjacent frequency channel due to the
finite intercept points and noise figure of an active device.
8
7
6
13
15
16
COMM
IFOP
IFOM
5
COMM
14
2
1
3
4
COMM
RFCM
RFIN
VPMX
VPDC
PWDN
EXRB
COMM
11
12
10
9
VPLO
LOCM
LOIN
COMM
AD8342
VPOS
VPOS
34nH
34nH
100pF
100pF
1nF
1nF
ETC1-1-13
100pF
100pF
0.1µF
VPOS
1nF
1nF
1970MHz
OSC
1.82k
Ω
100pF
4.7pF
170MHz
INPUT
100nH
1nF
499
Ω
VPOS
100pF
0.1pF
2140MHz OUT
1nF
Figure 51. W-CDMA Tx Upconversion Application Circuit
Because a W-CDMA channel encompasses a bandwidth of
almost 5 MHz, it is necessary to keep the Q of the matching
circuit low enough so that phase and magnitude variations are
below an acceptable level over the 5 MHz band. It is possible to
use purely reactive matching to transform a 50 Ω source to match
the raw ~1 kΩ input impedance of the AD8342. However, the L
and C component variations can present production concerns
due to the sensitivity of the match. For this application, it is
advantageous to reduce the ~1 kΩ input impedance using an
external shunt termination resistor to allow a lower Q reactive
matching network. In Figure 52, the input is terminated across
the RFIN and RFCM pins using a 499 Ω termination. The
termination must be as close to the device as possible to
minimize standing wave concerns. The RFCM is bypassed to
ground using a 1 nF capacitor. A dc blocking capacitor of 1 nF
is used to isolate the dc input voltage present on the RFIN pin
from the source. A step-up impedance transformation is
realized using a series L shunt C reactive network. The actual
values used must accommodate for the series L and stray C
parasitics of the connecting transmission line segments. When
using the customer evaluation board with the components
specified in Figure 51, the return loss over a 5 MHz band
centered at 170 MHz was better than 10 dB.
External pull-up choke inductors feed dc bias into the open-
collector outputs. It is desirable to select pull-up choke
inductors that present high loading reactance at the output
frequency. Coilcraft 0302CS series inductors were selected due
to their very high self resonant frequency and Q. A 1:1 balun
was ac-coupled to the output to convert the differential output
to a single-ended signal and present the output with a 50 Ω ac
loading impedance.
The performance of the circuit is shown in Figure 52. The average
ACPR of the adjacent and alternate channels is presented vs.
output power. The circuit provides a 65 dBc ACPR at −13 dBm
output power. The optimum ACPR power level can be shifted
to the right or left by adjusting the output loading and the loss
of the input match.
–60
–70
–25
0
OUTPUT POWER (dBm)
–62
–64
–66
–68
–20
–15
–10
–5
ADJACENT
CHANNELS
ALTERNATE
CHANNELS
Figure 52. Single Carrier W-CDMA ACPR Performance of Tx
Upconversion Circuit (Test Model 1_64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com