Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 17 of 25
IF PORT
The IF port comprises open-collector differential outputs. The
NPN open-collectors can be modeled as current sources that
are shunted with resistances of ~10 kΩ in parallel with
capacitances of ~1 pF.
The specified performance numbers for the AD8342 were
measured with 100 Ω differential terminations. However,
different load impedances can be used where circumstances
dictate. In general, lower load impedances result in lower
conversion gain and lower output P1dB. Higher load imped-
ances result in higher conversion gain for small signals, but
lower IP3 values for both input and output.
If the IF signal is to be delivered to a remote load, more than a
few millimeters away at high output frequencies, avoid unintended
parasitic effects due to the intervening PCB traces. One approach is
to use an impedance transforming network or transformer located
close to the AD8342. If very wideband output is desired, a nearby
buffer amplifier may be a better choice, especially if IF response
to dc is required. An example of such a circuit is presented in
Figure 45, in which the AD8351 differential amplifier is used to
drive a pair of 75 Ω transmission lines. The gain of the buffer
can be independently set by appropriate choice of the value for
the gain resistor, RG.
50
0.5
0
0
1G
FREQUENCY (Hz)
45
0.4
40
0.3
35
0.2
30
0.1
25
0
20
–0.1
15
–0.2
10
5
100M 200M 300M 400M 500M 600M 700M 800M 900M
Figure 44. IF Port Impedance
COMM
8
IFOP 7
IFOM 6
COMM
5
AD8342
AD8351
+
–
RFC
+VS
RFC
ZL = 100Ω
+VS
+VS
100Ω
RG
ZL
Tx LINE ZO = 75Ω
Tx LINE ZO = 75Ω
Figure 45. AD8351 Used as Transmission Line Driver and Impedance Buffer
The high input impedance of the AD8351 allows a shunt
differential termination to provide the desired 100 Ω load to the
AD8342 IF output port.
It is necessary to bias the open-collector outputs using one of
the schemes presented in Figure 47 and Figure 48. Figure 47
illustrates the application of a center-tapped impedance transform-
er. The turn ratio of the transformer must be selected to provide
the desired impedance transformation. In the case of a 50 Ω
load impedance, use a 2-to-1 impedance ratio transformer to
transform the 50 Ω load into a 100 Ω differential load at the IF
output pins. Figure 48 illustrates a differential IF interface where
pull-up choke inductors are used to bias the open-collector outputs.
The shunting impedance of the choke inductors used to couple
dc current into the mixer core must be large enough at the IF
operating frequency so it does not load down the output current
before reaching the intended load. Additionally, the dc current
handling capability of the selected choke inductors must be at
least 45 mA. The self-resonant frequency of the selected choke
must be higher than the intended IF frequency. A variety of suitable
choke inductors is commercially available from manufacturers
such as Murata and Coilcraft®. Figure 46 shows the loading effects
when using nonideal inductors. An impedance transforming
network may be required to transform the final load impedance
to 100 Ω at the IF outputs. There are several good reference
books that explain general impedance matching procedures,
including:
•
Chris Bowick, RF Circuit Design, Newnes, Reprint Edition,
1997.
•
David M. Pozar, Microwave Engineering, Wiley,
Third Edition, 2004.
•
Guillermo Gonzalez, Microwave Transistor Amplifiers:
Analysis and Design, Prentice Hall, Second Edition, 1996.
0
180
30
330
50MHz
50MHz
500MHz
500MHz
60
90
270
300
120
240
150
210
REAL
CHOKES
IDEAL
CHOKES
Figure 46. IF Port Loading Effects Due to Finite Q Pull-Up Inductors
(Murata BLM18HD601SN1D Chokes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com