Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8342ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 5 of 25
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, VS
5.5 V
RF Input Level
12 dBm
LO Input Level
12 dBm
PWDN Pin
VS + 0.5 V
IFOP, IFOM Bias Voltage
5.5 V
Minimum Resistor from EXRB to COMM
1.8 kΩ
Internal Power Dissipation
650 mW
θJA1
77°C/W
θJB1
37.4°C/W
Maximum Junction Temperature
135°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
1
Measured using a JESD51-7 printed circuit board (PCB).
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
JUNCTION TO BOARD THERMAL IMPEDANCE
The junction to board thermal impedance (θJB) is the thermal
impedance from the die to the leads of the AD8342. The value
given in Table 3 is based on the standard PCB described in
JESD51-7 for the thermal testing of a surface-mount component.
Board size and complexity (number of layers) affect θJB; more
layers tend to reduce thermal impedance slightly.
If the board temperature is known, use the junction to board
thermal impedance to calculate the die temperature (also
known as the junction temperature) to ensure that it does not
exceed the specified limit of 135°C. For example, if the board
temperature is 85°C, the die temperature is given by the
equation,
(
)
JB
DISS
B
J
P
T
T
θ
×
+
=
The worst case power dissipation for the AD8342 is 593 mW
(5.25 V × 113 mA, see Table 1). Therefore, TJ is
(
)
C
2
.
107
C/W
4
.
37
W
593
.
0
C
85
°
=
°
×
+
°
=
J
T
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com