Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 6 of 25
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. CONNECT THE EXPOSED PAD THROUGH A LOW
ELECTRICAL AND THERMAL RESISTANCE PATH TO A
GROUND PLANE SIMILAR TO THAT SHOWN IN THE
EVALUATION BOARD SECTION.
1
VPLO
2
LOCM
3
LOIN
4
COMM
11 PWDN
12 VPDC
10 EXRB
9COMM
PIN 1
INDICATOR
AD8342
TOP VIEW
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPLO
Positive Supply Voltage for the LO Buffer: 4.75 V to 5.25 V.
2
LOCM
AC Ground for Limiting LO Amplifier. This pin is internally biased to VS − 1.6 V. AC couple this pin to ground.
3
LOIN
LO Input. Nominal input level: 0 dBm. Input level range: −10 dBm to +4 dBm (relative to 50 Ω). Internally
biased to VS − 1.6 V. This pin must be ac-coupled.
4, 5, 8, 9, 13
COMM
Device Common (DC Ground).
6, 7
IFOM, IFOP
Differential IF Outputs (Open-Collectors). Each requires dc bias of 5.00 V (nominal).
10
EXRB
Mixer Bias Voltage. Connect a resistor from EXRB to ground. The typical value of 1.82 kΩ sets the mixer
current to nominal value. The minimum resistor value from EXRB to ground = 1.8 kΩ. This pin is internally
biased to 1.17 V.
11
PWDN
Connect to Ground for Normal Operation. Connect this pin to VS for disable mode.
12
VPDC
Positive Supply Voltage for the DC Bias Cell: 4.75 V to 5.25 V.
14
RFCM
AC Ground for RF Input. Internally biased to 2.4 V. AC couple this pin to ground.
15
RFIN
RF Input. This pin is internally biased to 2.4 V. This pin must be ac-coupled.
16
VPMX
Positive Supply Voltage for the Mixer: 4.75 V to 5.25 V.
EP
Exposed Pad. Connect the exposed pad through a low electrical and thermal resistance path to a ground
plane similar to that shown in the Evaluation Board section. See Figure 62 and Figure 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com