Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 21 of 25
13
12
11
10
9
1
2
3
4
14
15
16
8
7
6
5
COMM
1nF
1nF
1nF
LO IN
0.1µF
+5V
+5V
+5V
IF OUT
100pF
100pF
1.82kΩ
0.1µF
100pF
100pF
0.1µF
0.1µF
100pF
1nF
1pF
RF IN
100Ω
22Ω
RFCM
AD8342
RFIN
TC2-1T
VPMX
COMM
IFOP
IFOM
COMM
Figure 56. Circuit for 3.5 GHz to 3.8 GHz RF Input
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
3.45
3.5
3.55
3.6
3.65
3.7
3.75
3.8
3.85
NF dB
IIP3 dBm
Gc dB
Figure 57. NF, IIP3, and Gain for 3.5 GHz to 3.8 GHz
FREQUENCY (Hz)
–30
–25
–20
–15
–10
–5
0
+5
+10
0
500k
1.0M
1.5M
2.0M
2.5M
3.0M
3.5M
4.0M
4.5M
RF S11
LO S11
100Ω TERMINATION BETWEEN RFIN AND RFCM
RFIN w/1pF TO GND
RFCM w/22Ω + 1nF TO GND
Figure 58. RF and LO Return Loss with Matching
LOW FREQUENCY APPLICATIONS
The AD8342 can be used in extremely low frequency appli-
cations. Figure 59 depicts the configuration with necessary
modifications at IF ports. Two 10 Ω resistors bias the open-
collector outputs and the output coupling capacitors must be
large enough to allow intended low frequency operation. Figure 60
illustrates the gain performance at fixed IF of 10 kHz and 1 MHz
for broadband downconversion using a low-side LO.
13
12
11
10
9
1
2
3
4
14
15
16
8
7
6
5
COMM
1nF
1nF
1nF
LO IN
0.1µF
1N4148
+5V
+5V
+5V
100pF
100pF
1.82kΩ
0.1µF
100pF
0.1µF
100pF
1nF
RF IN
100Ω
10Ω
10Ω
10µF
10µF
RFCM
AD8342
RFIN
VPMX
COMM
IFOP
IFOM
BALANCED
OUTPUT
COMM
Figure 59. Modified Evaluation Board Schematic for Downconverting
Broadband RF to Low IF Frequencies
0
5
10
15
20
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
RF FREQUENCY (GHz)
IF = 1MHz
IF = 10kHz
Figure 60. Gain Performance for 1 MHz and 10 kHz IF of Broadband
Downconversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com