Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 13 of 25
SPURIOUS PERFORMANCE
NfRF − MfLO spur measurements were taken using the standard test board. VS = 5 V, TA = 25°C, RF and LO power = 0 dBm, fRF = 238 MHz,
fLO = 286 MHz, ZO = 50 Ω, RBIAS = 1.82 kΩ, RF termination 100 Ω, IF load = 100 Ω differential.
Typical noise floor of measurement system = −100 dBm.
Table 5.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
N
0
<−100
−25
−54
−28
−45
−35
−39
−36
−42
−57
−44
−42
−41
−46
−59
1
−32
3.5
−42
−6
−48
−16
−50
−28
−57
−37
−68
−45
−54
−37
−61
2
−52
−47
−51
−49
−54
−56
−56
−62
−62
−66
−71
−80
−80
−67
−79
3
−81
−57
−79
−61
−82
−61
−74
−69
−94
−85
−89
−86
−86
−90
−81
4
−78
−70
−80
−79
−80
−85
−87
−92
−93
−96
−95
<−100
−97
<−100
−95
5
−98
−79
−95
−87
−96
−94
−95
−88
−98
−94
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
−99
<−100
−96
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
−96
<−100
−98
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−97
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−99
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−99
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−96
<−100
−97
<−100
−96
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−99
<−100
−98
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−97
<−100
−97
−99
<−100
<−100
14
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−98
−98
<−100
<−100
<−100
15
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com