Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 8 of 25
27
17
50
550
RF FREQUENCY (MHz)
100
150
200
250
300
350
400
450
500
26
25
24
23
22
21
20
19
18
IF = 10MHz
IF = 140MHz
IF = 90MHz
IF = 48MHz
Figure 9. Input IP3 vs. RF Frequency
27
17
–15
5
LO LEVEL (dBm)
26
25
24
23
22
21
20
19
18
–13
–11
–9
–7
–5
–3
–1
1
3
IF = 10MHz
IF = 48MHz
IF = 90MHz
140MHz
Figure 10. Input IP3 vs. LO Level, fRF1 = 238 MHz, fRF2 = 239 MHz
27
17
TEMPERATURE (°C)
–20
0
20
40
60
80
–40
26
25
24
23
22
21
20
19
18
Figure 11. Input IP3 vs. Temperature, fRF1 = 238 MHz, fRF2 = 239 MHz,
fLO = 286 MHz
27
17
10
IF FREQUENCY (MHz)
350
26
25
24
23
22
21
20
19
18
50
100
150
200
250
300
RF = 460MHz
RF = 238MHz
Figure 12. Input IP3 vs. IF Frequency
VPOS (V)
27
17
4.75
5.25
26
25
24
23
22
21
20
19
18
4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20
Figure 13. Input IP3 vs. VPOS, fRF = 238 MHz, fRF2 = 239 MHz
LO Frequency = 286 MHz
20
0
20.6
INPUT IP3 (238MHz)
18
16
14
12
10
8
6
4
2
21.0
21.4
21.8
22.2
22.6
23.0
23.4
23.8
24.2
NORMAL MEAN = 22.7
STD. DEV. = 0.41
Figure 14. Input IP3 Distribution, fRF = 238 MHz, fLO = 286 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com