Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 42 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 42 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 38Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 39Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 40Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 41Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 42Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 46Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Hardware and layout
Designator
Value
Description
Note
U1
nRF7002
Wi-Fi 6 Dual Band companion chip
U2
2.4 / 5 GHz WLAN Dual Band Diplexer
X1
40 MHz
Crystal SMD 1612, 40MHz, Cl=8pF
ESR max 100 ohm
L1
3.3µH
Inductor, 1A, ±20%, 200mOhm
C1, C2, C6,
C11
4.7µF
Capacitor, Ceramic, 4.7µF 25V X6S 0603,±10%
Place C1 close to
BUCKVBAT pin
Place C2 close to L1
Place C11 close to PALDO
pin
C3
0.22uF
Capacitor, Ceramic, 0.22µF 10V X5R 0201, ±10% Place C3 close to
RFBUCKVDD pin
C4, C14
0.47uF
Capacitor, Ceramic, 0.47µF 6.3V X5R 0201,±10% Place C4 close to
PWRBUCKVDD pin
C5
1.0µF
Capacitor, Ceramic, 1.0µF 35V X5R 0402,±10%
C7, C18
2.2µF
Capacitor, Ceramic, 2.2µF 16V X7S 0603,±10%
Place C7 close to
BUCKVBATS pin
C8
10nF
Capacitor, Ceramic, 10nF 16V X7R 0201,±10%
C9
2.2µF
Capacitor, Ceramic, 2.2µF 25V X5R 0201,±10%
C10
1.0µF
Capacitor, Ceramic, 1.0µF 16V X6S 0402,±10%
C12
100nF
Capacitor, Ceramic, 100nF 16V X7S 0201,±10% Place C12 close to
PAVDD0 pin
C13
22nF
Capacitor, Ceramic, 22nF 10V X5R 0201,±10%
C15, C17
2.2µF
Capacitor, Ceramic, 2.2µF 10V X5R 0201,±10%
C16
1.0µF
Capacitor, Ceramic, 1.0µF 10V X7S 0402,±10%
Table 19: BOM for nRF7002
14.3.2 Supply sequencing requirements
The various supplies and BUCKEN need to be sequenced in order with delay requirements.
The power up sequence and requirements are:
• Supply VBAT/BUCKVBAT/BUCKVBATS/AFEVBAT
• Wait ≥ 6 ms
• Assert BUCKEN
• Wait ≥ 1 ms
• Supply IOVDD
PWRIOVDD is an internally generated supply, used for supplying OTPVDD through an external connection.
It cannot be used for anything else. This supply is automatically controlled in the device.
The power-down sequence and requirements are:
4486_184 v1.0
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com