Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 33 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 33 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 29Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 31Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 36Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 37Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
12 Absolute maximum ratings
Maximum ratings are the extreme limits to which the chip can be exposed for a limited amount of time
without permanently damaging it. Exposure to absolute maximum ratings for prolonged periods of time
may affect the reliability of the device.
Min.
Max.
Unit
Supply voltages
VBAT
-0.3
4.5
V
IOVDD
-0.3
3.6
V
I/O pin voltage
VI/O, IOVDD ≤3.3 V
-0.3
IOVDD + 0.3
V
VI/O, IOVDD >3.3 V
-0.3
3.6
V
BUCKEN
-0.3
VBAT + 0.3
V
Environmental QFN package
Storage temperature
-40
125
°C
Moisture Sensitivity Level (MSL)
2
ESD Human Body Model (HBM)
750
V
ESD Charged Device Model (CDM)
1000
V
Table 12: Absolute maximum ratings
4486_184 v1.0
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com