Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 30 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 30 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 26Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 27Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 28Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 29Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 31Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 34Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
FICR - Factory Information Configuration Registers
10.1.5 QSPI.KEY[n] (n=0..3)
Address offset: 0x110 + (n × 0x4)
QSPI link symmetric encryption key
KEY[0] represent key bits 31:0, KEY[1] is bits 63:32, KEY[2] is bits 95:64, KEY[3] is bits 127:96
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
RW KEY
QSPI link symmetric encryption key
10.1.6 MAC[n].ADDRESS0 (n=0..1)
Address offset: 0x120 + (n × 0x8)
MAC address for VIFn
Most significant 4 bytes of MAC address b6:b5:b4:b3:b2:b1
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D D D D D D D D C C C C C C C C B B B B B B B B A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
R
b6
6th byte (b6) of MAC address
B
R
b5
5th byte (b5) of MAC address
C
R
b4
4th byte (b4) of MAC address
D
R
b3
3rd byte (b3) of MAC address
10.1.7 MAC[n].ADDRESS1 (n=0..1)
Address offset: 0x124 + (n × 0x8)
MAC address for VIFn
Least significant 2 bytes of MAC address b6:b5:b4:b3:b2:b1
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B B B B B B B B A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
R
b2
2nd byte (b2) of MAC address
B
R
b1
1st byte (b1) of MAC address
10.1.8 CALIB.XO
Address offset: 0x130
XO adjustment
Adjusts capacitor bank, 0 : Lowest capacitance (Highest frequency), 127 : Highest capacitance (Lowest
frequency)
4486_184 v1.0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com