Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 27 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 27 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 26Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 27Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 28Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 29Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 31Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
9 OTP memory programming
nRF7002 includes a 128 x 32-bit OTP memory. This memory is partitioned into two regions, a factory
programmed region and a customer programmed region, each containing 64 x 32-bit locations.
The factory programmed region contains information related to production and trim values. The customer
programmed region contains:
• Encryption key used to protect the QSPI traffic (4 words)
• MAC addresses for VIF0 and VIF1 (4 words)
• Module level calibration coefficients (9 words)
• OTP memory protection control (4 words)
• Uncommitted region (43 words)
QSPI encryption is optional. This is enabled at runtime through a QSPI command. If this feature is not
required, the OTP memory locations can remain unprogrammed. For security reasons, the encryption key
cannot be read once programmed.
The MAC address fields in the OTP memory are accessed by firmware when powering up the device,
and presented to the host through a SPI/QSPI based event as part of the boot phase. The host driver
is responsible for configuring the MAC addresses as part of device configuration. As such, the MAC
addresses stored in OTP memory can be overwritten by the host. Using this mechanism, the MAC
addresses in the OTP memory can remain unprogrammed if an alternate host side storage is utilised.
Module level calibration coefficients can be calculated and stored in the OTP memory to enhance some
performance characteristics. The use of these are optional, but typically at least the crystal oscillator trim
value will be needed. The procedure for determining these calibration coefficients is beyond the scope of
this document.
Although the OTP memory is one time programmable, any bit still in a 1 state can be reprogrammed into a
0 state. To avoid deliberate or inadvertent modification of the OTP memory data, a protection mechanism
is provided. The protection registers initially need to be programmed to 0x50FA50FA in order to activate
programming of the remaining locations. Once OTP memory programming is complete, the protection
registers should be programmed to 0x00000000, at which point the OTP memory can never be modified.
In addition to the logical protection mechanism described above, a programming voltage needs to be
applied to the OTPVDD pin in order to enable programming. The programming voltage is 2.5 V, while
for reads it is 1.8 V. To coordinate the OTPVDD supply voltage with read and write operations, it is
recommended to drive this supply from the POWERIOVDD output pin on nRF7002. This also ensures there
will be no leakage associated with the OTP memory across sleep cycles, where the digital supply rail is
removed.
The OTP memory is indirectly mapped, and as such read and writes are achieved using address, data,
and mode registers. The OTP memory programming utility implements this programming, along with
appropriate control of the OTPVDD supply through the POWERIOVDD output.
4486_184 v1.0
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com