Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 36 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 36 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 36Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 37Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 38Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 39Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 40Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Electrical specification
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
PTXMAX,2.4GHz,DSSS/CCK
Maximum transmit power 2.4 GHz (DSSS/CCK)
21
dBm
PTXMAX,2.4GHz,MCS0
Maximum transmit power 2.4 GHz (6 Mbps/HT-
MCS0/HE-MCS0)
16
dBm
PTXMAX,2.4GHz,MCS7
Maximum transmit power 2.4 GHz (54 Mbps/HT-
MCS7/HE-MCS7)
16
dBm
PTXMAX,5GHz,MCS0
Maximum transmit power 5 GHz (6 Mbps/HT-
MCS0/VHT-MCS0/HE-MCS0)
14
dBm
PTXMAX,5GHz,MCS7
Maximum transmit power 5 GHz (54 Mbps/HT-
MCS7/VHT-MCS7/HE-MCS7)
14
dBm
Table 15: Transmitter characteristics
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
PSENS,2.4GHz,1DSSS
Sensitivity 2.4GHz (1 Mbps DSSS)
-98.6
dBm
PSENS,2.4GHz,11CCK
Sensitivity 2.4GHz (11 Mbps CCK)
-90.4
dBm
PSENS,2.4GHz,6MBPS
Sensitivity 2.4GHz (6 Mbps)
-91.6
dBm
PSENS,2.4GHz,54MBPS
Sensitivity 2.4GHz (54 Mbps)
-75.4
dBm
PSENS,2.4GHz,HT-MCS0
Sensitivity 2.4GHz (HT-MCS0)
-90.0
dBm
PSENS,2.4GHz,HT-MCS7
Sensitivity 2.4GHz (HT-MCS7)
-71.5
dBm
PSENS,5GHz,VHT-MCS0
Sensitivity 5.0GHz (VHT-MCS0)
-89.3
dBm
PSENS,5GHz,VHT-MCS7
Sensitivity 5.0GHz (VHT-MCS7)
-71.0
dBm
PSENS,5GHz,HE-MCS0
Sensitivity 5.0GHz (HE-MCS0)
-89.3
dBm
PSENS,5GHz,HE-MCS7
Sensitivity 5.0GHz (HE-MCS7)
-70.6
dBm
Table 16: Receiver characteristics
4486_184 v1.0
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com