Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Quad Serial Peripheral Interface
The same nonce and key must be used for both encryption and decryption of the same memory address.
Stream ciphers are symmetric. They do not differentiate between encrypting or decrypting, reading or
writing.
Stream Cipher
NONCE[95:0]
ADDR[31:4]
ZEROS[3:0]
AES 128
AES[127:96]
AES[95:64]
AES[63:32]
AES[31:0]
X
ENC.KEY[127:0]
ENC.NONCE[95:0]
ENC.ENABLE
ADDRESS IN[31:0]
DATA IN[31:0]
DATA OUT[31:0]
Figure 12: Stream cipher
Stream cipher
Value
ENC.KEY [127:0]
{CIPHER_KEY3[31:0], CIPHER_KEY2[31:0], CIPHER_KEY1[31:0],
CIPHER_KEY0[31:0]}
ENC.NONCE [95:0]
{NONCE_CNT[31:0], NONCE_CFG[31:0], CIPHER_NONCE0[31:0]}
ADRESS IN [31:0]
{8’h00, SPI Address [23:0]}
ENC.ENABLE
CIPHER ENABLE
Notes:
• CIPHER_KEY3, CIPHER_KEY2, CIPHER_KEY1, CIPHER_KEY0, CIPHER_NONCE0 : IP parameters (32 bit).
• NONCE_CFG : The NONCE Configuration register. Initialized with the CIPHER_INIT command.
• NONCE_CNT: The NONCE Counter register. Initialized to d0 with the CIPHER_INIT command. A pre-
increment is done to the NONCE_CNT register at the start of the QSPI transaction (FAST_READ,
READ4, PP, PP4).
• Single read/write mode : increment always.
• Multiple read/write mode : increment only if the received SPI address differs from the next
expected SPI address (last SPI address +1) or if the last transaction was not in multiple mode.
• CIPHER ENABLE : The Cipher Enable register is 1’b0 by default and it is set to 1’b1 with the
CIPHER_INIT command.
Table 4: Stream cipher configuration
7.3 QSPI throughput
The table below details the expected peak achievable UDP/TCP throughput numbers for a QSPI/SPI master
clock rate of 24 MHz, and where the networking stack executing on the host is not a limiting factor. These
numbers are projected using measured raw QSPI/SPI master packet transmission rates.
4486_184 v1.0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com