Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 13 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 13 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 17Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Power and clock management
over temperature. The crystal tolerance (that is, accuracy at room temperature) is less important since this
will be trimmed out by the crystal oscillator trim function (up to ± 20 ppm). The crystal oscillator/crystal is
typically trimmed by transmitting Wi-Fi packets through the antenna connector and using a Vector Signal
Analyzer (VSA) to measure the frequency offset. Alternatively, a generic spectrum analyser can be used to
measure the frequency offset on a transmitted Carrier Wave (CW).
The RTC is automatically calibrated against the trimmed 40 MHz crystal oscillator reference at runtime,
and as such nothing needs to be done on the production line. During sleep, the RTC clocked wakeup
timer is used to time wakeup intervals (since the last Delivery Traffic Indication Message (DTIM) beacon in
regular Wi-Fi Power Save), and as such any residual inaccuracy is not accumulated.
4486_184 v1.0
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com