Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 48 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 48 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 52Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Ordering information
FROM:
PART NO: (1P) <Nordic device order code>
CUSTOMER PO NO: (K) <Customer Purchase Order No.>
SALES ORDER NO: (14K) <Nordic Sales Order+Sales order line no.+
Delivery line no.>
SHIPMENT ID.: 2K <Nordic’s shipment ID.>
QUANTITY: (Q) <Total quantity>
DELIVERY NO.: (9K) <Shipper’s
shipment no.)
GROSS WEIGHT:
TO:
KGS
<H><P><F>
COUNTRY OF ORIGIN.: 4L
<2- character code of COO>
CARTON NO:
x/n
Pb
Figure 30: Outer box label
15.3 Order code
The following tables define the nRF7002 order codes and definitions.
n
R
F
7
0
0
2
-
<P
P>
<V
V>
-
<C
C>
Figure 31: Order code
4486_184 v1.0
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com