Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 29 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 29 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 26Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 27Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 28Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 29Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 31Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 33Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
FICR - Factory Information Configuration Registers
Part code
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
R
PART
Part code
N7002
0x7002
nRF7002
10.1.2 INFO.VARIANT
Address offset: 0x0C4
Part variant
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
R
VARIANT
Part Variant, Hardware version and Production configuration, encoded as
ASCII
B00
0x423030
B00
10.1.3 INFO.UUID[n] (n=0..3)
Address offset: 0x0D0 + (n × 0x4)
Universal Uniqe ID
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
R
UUID
Universal Uniqe ID
10.1.4 REGION.PROTECT[n] (n=0..3)
Address offset: 0x100 + (n × 0x4)
Region protection
Used to set access restrictions for FICR. Refer to description in top of chapter. All 4 registers need to be set
to the same value to change protection state.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W Field
Value ID
Value
Description
A
RW VALUE
Protection value
Undefined
0xFFFFFFFF
Undefined
Open
0x50FA50FA
Open
Restricted
0x00000000
Restricted
4486_184 v1.0
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com