Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 32 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 32 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 28Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 29Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 31Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 36Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
11 Recommended operating conditions
The operating conditions are the physical parameters that the chip can operate within.
Symbol
Parameter
Min.
Nom.
Max.
Units
VBAT
VDD supply voltage
2.9
3.6
4.5
V
IOVDD
VDD supply voltage for IO pins
1.62
1.8
3.6
V
OTPVDD
VDD supply voltage for OTP memory (read mode)
1.62
1.8
1.98
V
OTPVDD
VDD supply voltage for OTP memory (write mode)
2.25
2.5
2.75
V
TA
Operating temperature
-40
25
85
°C
Table 11: Recommended operating conditions
4486_184 v1.0
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com