Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 10 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 10 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Host connection
nRF7002
nRF5340
Diplexer
QSPI/SPI
interface
Coex
interface
ANT 5 GHz
ANT 2.4 GHz
ANT
ANT SW
CTRL
HOST_IRQ
BUCKEN
Figure 4: Functional block diagram of nRF7002 with nRF host and single antenna
Note: Introducing a switch in the signal path may give a loss in sensitivity (typically <1dBm)
compared to using a dual antenna.
4486_184 v1.0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com