Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 12 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 12 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 16Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Power and clock management
• Retention RAMs: Active
• SPI/QSPI: On
5.2 Power state operation
Apart from transitions in or out of Shutdown state through the BUCKEN pin, all transitions between Sleep
and Active states are automatic and do not rely on any control pin assertion or de-assertion.
Shutdown state is achieved by de-assertion on the BUCKEN pin. Asserting BUCKEN will result in the
Active (IDLE sub-state) state being entered. The host will initiate the boot sequence through SPI/QSPI,
culminating in the Sleep state being entered. This is the lowest power non-Shutdown state that can be
achieved. Transitions from Active to Sleep are fully controlled by nRF7002. Transitions from Sleep to
Active are determined by both the host and nRF7002. In a pre-association condition, Sleep will be entered
opportunistically whenever there is no activity initiated from the host (for example, a scan request). In a
post-association condition, Sleep opportunities will be determined by the negotiated Power Save mode of
the Access Point. No host interactions are required to enter Sleep, while the host will invoke a transition
from Sleep to Active as part of any SPI/QSPI command transaction.
The steps used to transition from Shutdown or Sleep into Active are as follows:
1. Switch the Power Management Unit (PMU) to high power mode (PWM).
2. Apply power to the digital logic, RAMs, and analog circuits.
3. Start the 40 MHz crystal oscillator and allow to settle.
4. Start the baseband PLL and allow to settle.
5. Boot all processor cores.
6. Execute baseband initializations.
7. Execute RF initializations and calibrations.
The initial steps consume equal duration whether originating in Shutdown or Sleep, while the baseband
and RF initializations are dependent on the originating state. In particular:
• Full baseband initialisations are required from Shutdown (including transferring the Factory
Information Configuration Registers (FICR) information from OTP memory into retention RAM), while in
Sleep some of the state is retained in retention RAMs.
• Complete RF calibrations are required from Shutdown, including across bands/channels in order to
support scanning. From Sleep, only minimal initialization or calibration on the operating channel is
required.
See Electrical specification on page 34 for timing information.
5.3 Clock accuracy considerations
The crystal oscillator is active during normal operation, and is the clock reference for the RF synthesizer,
the Analog-to-Digital Converter (ADC)/Digital-to-Analog Converter (DAC) sample clocks, and the baseband
logic. The RTC is active during sleep state, and is used to run the wakeup timer used as part of Wi-Fi Power
Save. The crystal oscillator is inactive during sleep.
The IEEE 802.11 specification defines the accuracy of the Wi-Fi carrier frequency to be within ± 20 ppm
(in 5 GHz), which in turn defines the required accuracy of the external crystal. There is provision to trim
the crystal oscillator through a value programmed into the OTP memory on the nRF7002 device (or
any other available non-volatile memory). This trimming will compensate for the combined frequency
offset resulting from the crystal itself as well as any crystal oscillator variation at room temperature. The
crystal and crystal oscillator will both exhibit frequency drift across temperature, and the crystal will also
be subject to aging. The combination of these temperature and aging effects, along with the trimming
accuracy, will consume the majority of the ± 20 ppm allowance, assuming a crystal with ± 10 ppm stability
4486_184 v1.0
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com