Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R Datasheet(PDF) 8 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Datasheet(HTML) 8 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 4Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 5Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
3 Product overview
nRF7002 is a wireless companion IC that adds low-power Wi-Fi 6 capabilities to another System on Chip
(SoC), Memory Protection Unit (MPU), or Microcontroller Unit (MCU) host. It implements the Physical
(PHY) and Medium Access Control (MAC) layers of the 802.11 protocol stack, while the higher layers of the
networking stack run on the host.
nRF7002 is compatible with IEEE 802.11ax (also known as Wi-Fi 6) and with earlier standards IEEE 802.11
a/b/g/n/ac.
nRF7002 has been designed for IoT applications, and is ideal for adding modern Wi-Fi 6 capabilities to
existing Bluetooth® Low Energy, Thread®, or Zigbee® systems.
Nordic Semiconductor provides reference host support implementations for nRF52840 and nRF5340, but
nRF7002 may also be used with other hosts with sufficient processing and memory capacity. It connects to
the host SoC or MCU through a Serial Peripheral Interface (SPI) or Quad Serial Peripheral Interface (QSPI)
serial interface (which can optionally be encrypted) and supports coexistence with other radio protocols
through a dedicated 3-wire or 4-wire coexistence interface.
nRF7002 supports dual-band 2.4 GHz and 5 GHz band operation. The antenna ports are single-ended 50 Ω.
nRF7002 supports 20 MHz wide channels, 1x1 Single-Input Single-Output (SISO) operation and can deliver
a PHY data rate of 86 Mbps (MCS7). It supports Station and Wi-Fi Direct operation modes as well as
Software Enabled Access Point (SoftAP) (Wi-Fi 4 operation only) and simultaneous Station + SoftAP/Wi-Fi
Direct/Station modes.
nRF7002
RF
MAC/PHY
PHY
MAC
CRYPTO
ACCELERATOR
MCU
AGG/DEAGG
MAC
ACCELERATOR
TX PHY
RX PHY
2.4 GHz
Tx/Rx
5 GHz
Tx/Rx
AFE
Power
Management
Unit
Data
Clock
Control
Host control
bus
Control
Interface
QSPI
Interface
Figure 1: nRF7002 block diagram
4486_184 v1.0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com