Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 66Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 67Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 68Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 69Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 70Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 71Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 72Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 73Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
ST10F269
70/160
12.6.1 - Alternate Functions of Port 3
The pins of Port 3 serve for various functions which include external timer control lines, the two serial
interfaces and the control lines BHE/WRH and CLKOUT.
The structure of the Port 3 pins depends on their
alternate function (see figures 28 and 29). When
the on-chip peripheral associated with a Port 3 pin
is configured to use the alternate input function, it
reads the input latch, which represents the state
of the pin, via the line labeled “Alternate Data
Input”. Port 3 pins with alternate input functions
are: T0IN, T2IN, T3IN, T4IN, T3EUD and CAPIN.
When the on-chip peripheral associated with a
Port 3 pin is configured to use the alternate output
function, its “Alternate Data Output” line is ANDed
with the port output latch line. When using these
alternate functions, the user must set the direction
of the port line to output (DP3.y=1) and must set
the port output latch (P3.y=1). Otherwise the pin is
in its high-impedance state (when configured as
input) or the pin is stuck at '0' (when the port
output latch is cleared). When the alternate output
functions are not used, the “Alternate Data
Output” line is in its inactive state, which is a high
level ('1').
Table 16 : Port 3 Alternative Functions
Port 3 Pin
Alternate Function
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.14
P3.15
T0IN
CAPCOM1 Timer 0 Count Input
T6OUT
Timer 6 Toggle Output
CAPIN
GPT2 Capture Input
T3OUT
Timer 3 Toggle Output
T3EUD
Timer 3 External Up/Down Input
T4IN
Timer 4 Count Input
T3IN
Timer 3 Count Input
T2IN
Timer 2 Count Input
MRST
SSC Master Receive / Slave Transmit
MTSR
SSC Master Transmit / Slave Receive
TxD0
ASC0 Transmit Data Output
RxD0
ASC0 Receive Data Input (Output in synchronous mode)
BHE/WRH
Byte High Enable / Write High Output
SCLK
SSC Shift Clock Input/Output
---
No pin assigned
CLKOUT
System Clock Output
Figure 27 : Port 3 I/O and Alternate Functions
Port 3
No Pin
Alternate Function
a)
b)
General Purpose Input/Output
P3.15
P3.13
P3.12
P3.11
P3.10
P3.9
P3.8
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
CLKOUT
SCLK
BHE
RxD0
TxD0
MTSR
MRST
T2IN
T3IN
T4IN
T3EUD
T3OUT
CAPIN
T6OUT
T0IN
WRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com