Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 89Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 90Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 91Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 92Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 93Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 94Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 95Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 96Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 160 page
background image
ST10F269
93/160
14.1.2 - ASCO in Synchronous Mode
In synchronous mode, data are transmitted or received synchronously to a shift clock which is generated
by the ST10F269. Half-duplex communication up to 5M Baud (at 40MHz of fCPU) is possible in this mode.
Figure 45 : Synchronous Mode of Serial Channel ASC0
2
CPU
Clock
S0R
Baud Rate Timer
Reload Register
4
Clock
Serial Port Control
Shift Clock
S0M = 000B
S0OE
S0REN
S0OEN
S0LB
S0RIR
S0TIR
S0EIR
Receive Interrupt
Request
Transmit Interrupt
Request
Error Interrupt
Request
Transmit Shift
Register
Receive Shift
Register
Transmit Buffer
Register S0TBUF
Receive Buffer
Register S0RBUF
MUX
0
1
Pin
Internal Bus
Receive
Output
Transmit
Pin
Input/Output
TDX0/P3.10
RXD0/P3.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com