Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 75Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 76Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 77Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 78Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 79Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 80Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 81Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 82Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 160 page
background image
ST10F269
79/160
Port 5 pins have a special port structure (see Figure 35), first because it is an input only port, and second
because the analog input channels are directly connected to the pins rather than to the input latches.
12.8.2 - Port 5 Schmitt Trigger Analog Inputs
A Schmitt trigger protection can be activated on each pin of Port 5 by setting the dedicated bit of register
P5DIDIS.
P5DIDIS (FFA4h / D2h)
SFR
Reset Value: 0000h
12.9 - Port 6
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured via the
corresponding direction register DP6. Each port line can be switched into push/pull or open drain mode
via the open drain control register ODP6.
P6 (FFCCh / E6h)
SFR
Reset Value: --00h
DP6 (FFCEH / E7H)
SFR
Reset Value: --00h
Figure 35 : Block Diagram of a Port 5 Pin
15
14
13
12
11
10
98
765
432
10
P5DI
DIS.15
P5DI
DIS.14
P5DI
DIS.13
P5DI
DIS.12
P5DI
DIS.11
P5DI
DIS.10
P5DI
DIS.9
P5DI
DIS.8
P5DI
DIS.7
P5DI
DIS.6
P5DI
DIS.5
P5DI
DIS.4
P5DI
DIS.3
P5DI
DIS.2
P5DI
DIS.1
P5DI
DIS.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
P5DIDIS.y
Port 5 Digital Disable Register Bit y
P5DIDIS.y = 0: Port line P5.y digital input is enabled (Schmitt trigger enabled)
P5DIDIS.y = 1: Port line P5.y digital input is disabled (Schmitt trigger disabled,
necessary for input leakage current reduction)
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
RW
RW
RW
RW
RW
RW
RW
RW
P6.y
Port Data Register P6 Bit y
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
DP6.7 DP6.6 DP6.5 DP6.4 DP6.3 DP6.2 DP6.1 DP6.0
RW
RW
RW
RW
RW
RW
RW
RW
Read Port P5.y
Input
Latch
Clock
P5.y/ANy
Read
Buffer
to Sample + Hold
Circuit
Channel
Select
Analog
Switch
y = 15...0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com