Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 72Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 73Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 74Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 75Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 76Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 77Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 78Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 79Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
ST10F269
76/160
Figure 32 : Block Diagram of P4.4 and P4.5 Pins
Direction
Latch
Write DP4.x
Read DP4.x
Port Output
Latch
Write P4.x
Read P4.x
MUX
0
1
MUX
0
1
Alternate
Data
Output
MUX
0
1
“1”
Input
Latch
Clock
P4.x
x = 5, 4
Alternate
Function
Enable
0
1
“0”
MUX
MUX
0
1
“0”
Output
Buffer
&
≤ 1
y = 1, 2 (CAN Channel)
z = 2, 1
a = 0, 1
b = 1, 0
CANy.RxD
XPERCON.a
XPERCON.b
(CANyEN)
(CANzEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com