Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 77Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 78Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 79Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 80Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 81Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 82Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 83Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 84Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 160 page
background image
ST10F269
81/160
The chip select lines of Port 6 have an internal
weak pull-up device. This device is switched on
during reset. This feature is implemented to drive
the chip select lines high during reset in order to
avoid multiple chip selection.
After reset the CS function must be used, if
selected so. In this case there is no possibility to
program any port latches before. Thus the
alternate function (CS) is selected automatically in
this case.
Note: The open drain output option can only be
selected via software earliest during the
initialization routine; at least signal CS0
will be in push/pull output driver mode
directly after reset.
Figure 37 : Block Diagram of Port 6 Pins with an Alternate Output Function
MUX
0
1
"0"
Open Drain
Latch
Write ODP6.y
Read ODP6.y
Direction
Latch
Write DP6.y
Read DP6.y
MUX
0
1
Input
Latch
Clock
P6.y
Output
Buffer
Port Output
Latch
Read P6.y
Write DP6.y
Alternate
Data
Output
MUX
0
1
MUX
0
1
"1"
MUX
Alternate
Function
Enable
y = (0...4, 6, 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com