Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 86Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 87Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 88Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 89Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 90Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 91Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 92Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 93Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 160 page
background image
ST10F269
90/160
13 - A/D CONVERTER
A 10-bit A/D converter with 16 multiplexed input
channels and a sample and hold circuit is
integrated on-chip. The sample time (for loading
the capacitors) and the conversion time is
programmable and can be adjusted to the
external circuitry.
To remove high frequency components from the
analog input signal, a low-pass filter must be con-
nected at the ADC input.
Overrun error detection / protection is controlled
by the ADDAT register. Either an interrupt request
is generated when the result of a previous
conversion has not been read from the result
register at the time the next conversion is
complete, or the next conversion is suspended
until the previous result has been read. For
applications which require less than 16 analog
input channels, the remaining channel inputs can
be used as digital input port pins. The A/D
converter
of the ST10F269 supports different
conversion modes :
– Single channel single conversion : the analog
level of the selected channel is sampled once
and converted. The result of the conversion is
stored in the ADDAT register.
– Single channel continuous conversion : the
analog level of the selected channel is repeated-
ly sampled and converted. The result of the con-
version is stored in the ADDAT register.
– Auto scan single conversion : the analog level
of the selected channels are sampled once and
converted. After each conversion the result is
stored in the ADDAT register. The data can be
transfered to the RAM by interrupt software
management or using the powerfull Peripheral
Event Controller (PEC) data transfert.
– Auto scan continuous conversion : the ana-
log level of the selected channels are repeatedly
sampled and converted. The result of the con-
version is stored in the ADDAT register. The
data can be transfered to the RAM by interrupt
software management or using the PEC data
transfert.
– Wait for ADDAT read mode : when using con-
tinuous modes, in order to avoid to overwrite
the result of the current conversion by the next
one, the ADWR bit of ADCON control register
must be activated. Then, until the ADDAT regis-
ter is read, the new result is stored in a tempo-
rary buffer and the conversion is on hold.
– Channel
injection
mode
:
when
using
continuous modes, a selected channel can be
converted in between
without
changing the
current operating mode. The 10-bit data of the
conversion are stored in ADRES field of
ADDAT2. The current continuous mode remains
active after the single conversion is completed.
Notes: 1. Section 21.4.5 - Direct Drive for TCL definition.
2. tCC = TCL x 24
Table 22 : ADC Sample Clock and Conversion Clock
ADCTC
Conversion Clock tCC
ADSTC
Sample Clock tSC
TCL1 = 1/2 x fXTAL
At fCPU = 40MHz
tSC =
At fCPU = 40MHz
00
TCL x 24
0.3
µs00
tCC
0.3
µs 2
01
Reserved, do not use
Reserved
01
tCC x 2
0.6
µs 2
10
TCL x 96
1.2
µs10
tCC x 4
1.2
µs 2
11
TCL x 48
0.6
µs11
tCC x 8
2.4
µs 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com