Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 79Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 80Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 81Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 82Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 83Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 84Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 85Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 86Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 160 page
background image
ST10F269
83/160
12.10 - Port 7
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured via the
corresponding direction register DP7. Each port line can be switched into push-pull or open drain mode
via the open drain control register ODP7.
P7 (FFD0h / E8h)
SFR
Reset Value: --00h
DP7 (FFD2h / E9h)
SFR
Reset Value: --00h
ODP7 (F1D2h / E9h)
ESFR
Reset Value: --00h
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
RW
RW
RW
RW
RW
RW
RW
RW
P7.y
Port Data Register P7 Bit y
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
DP7.7 DP7.6 DP7.5 DP7.4 DP7.3 DP7.2 DP7.1 DP7.0
RW
RW
RW
RW
RW
RW
RW
RW
DP7.y
Port Direction Register DP7 Bit y
DP7.y = 0: Port line P7.y is an input (high impedance)
DP7.y = 1: Port line P7.y is an output
15
14
13
12
11
10
9
8
76543
210
-----
---
ODP7.7 ODP7.6 ODP7.5 ODP7.4 ODP7.3 ODP7.2 ODP7.1 ODP7.0
RW
RW
RW
RW
RW
RW
RW
RW
ODP7.y
Port 7 Open Drain Control Register Bit y
ODP7.y = 0: Port line P7.y output driver in push-pull mode
ODP7.y = 1: Port line P7.y output driver in open drain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com