Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 83Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 84Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 85Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 86Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 87Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 88Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 89Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 90Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 160 page
background image
ST10F269
87/160
12.11 - Port 8
If this 8-bit port is used for general purpose I/O,
the direction of each line can be configured via the
corresponding direction register DP8. Each port
line can be switched into push/pull or open drain
mode via the open drain control register ODP8.
P8 (FFD4h / EAh)
SFR
ResetValue:--00h
DP8 (FFD6h / EBh)
SFR
Reset Value: --00h
ODP8 (F1D6h / EBh)
ESFR
Reset Value: --00h
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
RW
RW
RW
RW
RW
RW
RW
RW
P8.y
Port Data Register P8 Bit y
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
DP8.7 DP8.6 DP8.5 DP8.4 DP8.3 DP8.2 DP8.1 DP8.0
RW
RW
RW
RW
RW
RW
RW
RW
DP8.y
Port Direction Register DP8 Bit y
DP8.y = 0: Port line P8.y is an input (high impedance)
DP8.y = 1: Port line P8.y is an output
15
14
13
12
11
10
9
8
76543210
-
-------
ODP8.7 ODP8.6 ODP8.5 ODP8.4 ODP8.3 ODP8.2 ODP8.1 ODP8.0
RW
RW
RW
RW
RW
RW
RW
RW
ODP8.y
Port 8 Open Drain Control Register Bit y
ODP8.y = 0: Port line P8.y output driver in push-pull mode
ODP8.y = 1: Port line P8.y output driver in open drain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com