Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 76Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 77Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 78Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 79Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 80Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 81Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 82Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 83Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 160 page
background image
ST10F269
80/160
ODP6 (F1CEH / E7H)
ESFR
Reset Value: --00h
12.9.1 - Alternate Functions of Port 6
A programmable number of chip select signals (CS4...CS0) derived from the bus control registers
(BUSCON4...BUSCON0) can be output on 5 pins of Port 6.
The number of chip select signals is selected via PORT0 during reset. The selected value can be read
from bit-field CSSEL in register RP0H (read only) in order to check the configuration during run time.
The Table 19 summarizes the alternate functions of Port 6 depending on the number of selected chip
select lines (coded via bit-field CSSEL).
Figure 36 : Port 6 I/O and Alternate Functions
DP6.y
Port Direction Register DP6 Bit y
DP6.y = 0: Port line P6.y is an input (high impedance)
DP6.y = 1: Port line P6.y is an output
15
14
13
12
11
10
9
8
76543210
-
-------
ODP6.7 ODP6.6 ODP6.5 ODP6.4 ODP6.3 ODP6.2 ODP6.1 ODP6.0
RW
RW
RW
RW
RW
RW
RW
RW
ODP6.y
Port 6 Open Drain Control Register Bit y
ODP6.y = 0: Port line P6.y output driver in push-pull mode
ODP6.y = 1: Port line P6.y output driver in open drain mode
Table 19 : Port 6 Alternate Functions
Port 6
Alternate Function
CSSEL = 10
Alternate Function
CSSEL = 01
Alternate Function
CSSEL = 00
Alternate Function
CSSEL = 11
P6.0
P6.1
P6.2
P6.3
P6.4
General purpose I/O
General purpose I/O
General purpose I/O
General purpose I/O
General purpose I/O
Chip select CS0
Chip select CS1
General purpose I/O
General purpose I/O
General purpose I/O
Chip select CS0
Chip select CS1
Chip select CS2
General purpose I/O
General purpose I/O
Chip select CS0
Chip select CS1
Chip select CS2
Chip select CS3
Chip select CS4
P6.5
P6.6
P6.7
HOLD External hold request input
HLDA Hold acknowledge output
BREQ Bus request output
Port 6
Alternate Function
a)
General Purpose Input/Output
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
BREQ
HLDA
HOLD
CS4
CS3
CS2
CS1
CS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com