Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 85Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 86Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 87Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 88Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 89Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 90Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 91Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 92Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 160 page
background image
ST10F269
89/160
The structure of Port 8 differs in the way the
output latches are connected to the internal bus
and to the pin driver (see Figure 43). Pins
P8.7...P8.0 (CC23IO...CC16IO) combine internal
bus data and alternate data output before the port
latch input, as do the Port 2 pins.
Figure 43 : Block Diagram of Port 8 Pins P8.7...P8.0
Open Drain
Latch
Write ODP8.y
Read ODP8.y
Direction
Latch
Write DP8.y
Read DP8.y
MUX
0
1
Alternate Latch
Data Input
Input
Latch
Clock
P8.y
CCzIO
Output
Buffer
Alternate
Data
Output
MUX
0
1
Output
Latch
≥ 1
Write Port P8.y
Compare Trigger
Read P8.y
y = (7...0)
z = (16...23)
Alternate Pin
Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com