Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 73Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 74Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 75Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 76Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 77Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 78Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 79Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 80Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 160 page
background image
ST10F269
77/160
Figure 33 : Block Diagram of P4.6 and P4.7 Pins
12.8 - Port 5
This 16-bit input port can only read data. There is no output latch and no direction register. Data written to
P5 will be lost.
P5 (FFA2h / D1h)
SFR
Reset Value: XXXXh
15
14
13
12
11
10
98
765
432
10
P5.15 P5.14 P5.13 P5.12 P5.11 P5.10
P5.9
P5.8
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
RRR
RRR
RR
RRR
RRR
RR
P5.y
Port Data Register P5 Bit y (Read only)
MUX
0
1
"0"
Open Drain
Latch
Write ODP4.x
Read ODP4.x
Direction
Latch
Write DP4.x
Read DP4.x
MUX
0
1
Input
Latch
Clock
P4.x
Output
Buffer
Port Output
Latch
Read P4.x
Write P4.x
Alternate
Data
Output
MUX
0
1
MUX
0
1
"1"
MUX
Alternate
Function
Enable
MUX
0
1
"1"
MUX
MUX
0
1
"0"
MUX
0
1
MUX
≤ 1
CANy.TxD
XPERCON.a
(CANyEN)
XPERCON.b
(CANzEN)
Data output
x = 6, 7
y = 1, 2 (CAN Channel)
z = 2, 1
a = 0, 1
b = 1, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com