Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 88Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 89Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 90Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 91Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 92Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 93Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 94Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 95Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 160 page
background image
ST10F269
92/160
Asynchronous Mode Baud rates
For asynchronous operation, the Baud rate
generator provides a clock with 16 times the rate
of the established Baud rate. Every received bit is
sampled at the 7th, 8th and 9th cycle of this clock.
The Baud rate for asynchronous operation of
serial channel ASC0 and the required reload
value for a given Baud rate can be determined by
the following formulas:
(S0BRL) represents the content of the reload
register, taken as unsigned 13-bit integer,
(S0BRS) represents the value of bit S0BRS (‘0’ or
‘1’), taken as integer.
Using the above equation, the maximum Baud
rate can be calculated for any given clock speed.
Baud rate versus reload register value (SOBRS=0
and SOBRS=1) is described in Table 23.
Note: The deviation errors given in the Table 23 are rounded. To avoid deviation errors use a Baud rate
crystal (providing a multiple of the ASC0/SSC sampling frequency).
BAsync =
fCPU
16 x [2 + (S0BRS)] x [(S0BRL) + 1]
S0BRL = (
fCPU
16 x [2 + (S0BRS)] x BAsync
) - 1
Table 23 : Commonly Used Baud Rates by Reload Value and Deviation Errors
S0BRS = ‘0’, fCPU = 40MHz
S0BRS = ‘1’, fCPU = 40MHz
Baud Rate (Baud)
Deviation Error
Reload Value
(hexa)
Baud Rate (Baud)
Deviation Error
Reload Value
(hexa)
1 250 000
0.0% / 0.0%
0000 / 0000
833 333
0.0% / 0.0%
0000 / 0000
112 000
+1.5% / -7.0%
000A / 000B
112 000
+6.3% / -7.0%
0006 / 0007
56 000
+1.5% / -3.0%
0015 / 0016
56 000
+6.3% / -0.8%
000D / 000E
38 400
+1.7% / -1.4%
001F / 0020
38 400
+3.3% / -1.4%
0014 / 0015
19 200
+0.2% / -1.4%
0040 / 0041
19 200
+0.9% / -1.4%
002A / 002B
9 600
+0.2% / -0.6%
0081 / 0082
9 600
+0.9% / -0.2%
0055 / 0056
4 800
+0.2% / -0.2%
0103 / 0104
4 800
+0.4% / -0.2%
00AC / 00AD
2 400
+0.2% / -0.0%
0207 / 0208
2 400
+0.1% / -0.2%
015A / 015B
1 200
0.1% / 0.0%
0410 / 0411
1 200
+0.1% / -0.1%
02B5 / 02B6
600
0.0% / 0.0%
0822 / 0823
600
+0.1% / -0.0%
056B / 056C
300
0.0% / 0.0%
1045 / 1046
300
0.0% / 0.0%
0AD8 / 0AD9
153
0.0% / 0.0%
1FE8 / 1FE9
102
0.0% / 0.0%
1FE8 / 1FE9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com