Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 70Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 71Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 72Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 73Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 74Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 75Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 76Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 77Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 160 page
background image
ST10F269
74/160
12.7.1 - Alternate Functions of Port 4
During external bus cycles that use segmentation
(address space above 64K Bytes) a number of
Port 4 pins may output the segment address lines.
The number of pins that is used for segment
address output determines the external address
space which is directly accessible. The other pins
of Port 4 may be used for general purpose I/O. If
segment address lines are selected, the alternate
function of Port 4 may be necessary to access
external memory directly after reset. For this
reason Port 4 will be switched to this alternate
function automatically.
The number of segment address lines is selected
via PORT0 during reset. The selected value can
be read from bitfield SALSEL in register RP0H
(read only) in order to check the configuration
during run time.
The CAN interfaces use 2 or 4 pins of Port 4 to
interface each CAN Modules to an external CAN
transceiver. In this case the number of possible
segment address lines is reduced.
The Table 17 summarizes the alternate functions
of Port 4 depending on the number of selected
segment
address
lines
(coded
via
bitfield
SALSEL)
Table 17 : Port 4 Alternate Functions
Port 4
Standard Function
SALSEL = 01
64K Bytes
Alternate Function
SALSEL = 11
256K Bytes
Alternate Function
SALSEL = 00
1M Byte
Alternate Function
SALSEL = 10
16M Bytes
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
GPIO
GPIO
GPIO
GPIO
GPIO/CAN2_RxD
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD
Segment Address A16
Segment Address A17
GPIO
GPIO
GPIO/CAN2_RxD
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD
Segment. Address A16
Segment Address A17
Segment Address A18
Segment Address A19
GPIO/CAN2_RxD
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD
Segment Address A16
Segment Address A17
Segment Address A18
Segment Address A19
Segment Address A20
Segment Address A21
Segment Address A22
Segment Address A23
Figure 30 : Port 4 I/O and Alternate Functions
Port 4
Alternate Function
a)
General Purpose
Input / Output
b)
Segment Address
Lines
Cans I/O and General Purpose
Input / Output
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
A23
A22
A21
A20
A19
A18
A17
A16
CAN2_TxD
CAN1_TxD
CAN1_RxD
CAN2_RxD
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com